Electronic Components Datasheet Search
  English  ▼

X  

HMC554ACHIPS Datasheet(PDF) 2 Page - Analog Devices

Part # HMC554ACHIPS
Description  10 GHz to 20 GHz, GaAs, MMIC, Double-Balanced Mixer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC554ACHIPS Datasheet(HTML) 2 Page - Analog Devices

  HMC554ACHIPS Datasheet HTML 1Page - Analog Devices HMC554ACHIPS Datasheet HTML 2Page - Analog Devices HMC554ACHIPS Datasheet HTML 3Page - Analog Devices HMC554ACHIPS Datasheet HTML 4Page - Analog Devices HMC554ACHIPS Datasheet HTML 5Page - Analog Devices HMC554ACHIPS Datasheet HTML 6Page - Analog Devices HMC554ACHIPS Datasheet HTML 7Page - Analog Devices HMC554ACHIPS Datasheet HTML 8Page - Analog Devices HMC554ACHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
HMC554ACHIPS
Data Sheet
Rev. 0 | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 4
 
ESD Caution.................................................................................. 4
 
Pin Configuration and Function Descriptions............................. 5
 
Interface Schematics..................................................................... 5
 
Typical Performance Characteristics ............................................. 6
 
Downconverter Performance, IF = 100 MHz........................... 6
 
Downconverter Performance, IF = 3000 MHz .......................... 10
 
Upconverter Performance, IF = 100 MHz .............................. 13
 
Upconverter Performance, IF = 3000 MHz ............................ 16
 
Isolation and Return Loss ......................................................... 19
 
IF Bandwidth—Downconverter............................................... 21
 
Spurious and Harmonics Performance ................................... 23
 
Theory of Operation ...................................................................... 24
 
Applications Information .............................................................. 25
 
Typical Application Circuit....................................................... 25
 
Mounting and Bonding Techniques ........................................ 26
 
Handling Precautions ................................................................ 26
 
Mounting..................................................................................... 26
 
Wire Bonding.............................................................................. 26
 
Assembly Diagram ..................................................................... 27
 
Outline Dimensions ....................................................................... 28
 
Ordering Guide .......................................................................... 28
 
REVISION HISTORY
10/2019—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com