Electronic Components Datasheet Search
  English  ▼

X  

APH Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # APH
Description  High Current 3-Phase Power Line Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

APH Datasheet(HTML) 1 Page - TE Connectivity Ltd

  APH Datasheet HTML 1Page - TE Connectivity Ltd APH Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORCOM
APH & APS SERIES
High Current
3-Phase Power Line Filters
INTELLIGENT BUILDINGS///CORCOM APH & APS SERIES HIGH CURRENT FILTERS
TE Connectivity has expanded the offering of Corcom 3-phase filters
with high current models ranging from 250 to 1600 amps. Focused on
alternative energy inverter and motor drive industries, the APH and APS
Series offer models for standard and high performance applications
in compact, low weight configurations with corrosion resistant busbar
terminations for harsh environments. The APH and APS Series are also
available without line to ground capacitors to work with variety of
inverter system configurations.
Standards and Specifications
UL Recognized (pending)
Electrical Specifications
520 V Models
690 V Models
Nominal leakage current:
6 mA
10 mA
Maximum leakage current:
222 mA
@ 277 V, 50 Hz
330 mA
@ 400 V, 50 Hz
Hipot rating
(one minute):
Line to Ground:
2200 VDC
2640 VDC
Line to Line:
2160 VDC
2520 VDC
Operating Voltage:
520 VAC
690 VAC
Operating Frequency:
50 - 60 Hz
Rated Current:
250 to 1600 A
Electrical Schematic
Key Features
• Light weight for easy installation
• Compact size
• High current applications up to
1600 A
• Delta wiring configuration
• Two performance levels
• 520 and 690 VAC models
• Available with limited leakage
current
Key Benefits
• Reduced mounting and supporting
structure requirements thanks to
the lighter weight design
• Accommodate various installation
configurations with flange mounting
• Reduced field service requirements
with ruggedized busbar
terminations
Applications
• Motor Drives
• Alternative Energy
• CNC Machines
L1
L2
L3
GND
L1
L2
L3
GND
APH Series shown


Similar Part No. - APH

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
APH-BNCJ-HDBNCJ AMPHENOL-APH-BNCJ-HDBNCJ Datasheet
116Kb / 1P
ADAPTOR, 75 OHM BNC, JACK TO HD BNC JACK
APH-BNCJ-HDBNCP AMPHENOL-APH-BNCJ-HDBNCP Datasheet
150Kb / 1P
HD BNC PLUG TO BNC JACK 75 OHM ADAPTER
APH-BNCJ-HDBNCP_1010 AMPHENOL-APH-BNCJ-HDBNCP_1010 Datasheet
129Kb / 1P
HD-BNC PLUG TO BNC JACK 75 OHM ADAPTER
APH-BNCP-HDBNCJ AMPHENOL-APH-BNCP-HDBNCJ Datasheet
125Kb / 1P
BNC PLUG TO HD-BNC JACK,75 OHM ADAPTER
APH-BNCP-HDBNCJ_1010 AMPHENOL-APH-BNCP-HDBNCJ_1010 Datasheet
116Kb / 1P
BNC PLUG TO HD-BNC JACK, 75 OHM ADAPTER
More results

Similar Description - APH

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C Datasheet
337Kb / 2P
High Performance 3-Phase RFI Power Line Filters for WYE Applications
16AYA6A MACOM-16AYA6A_11 Datasheet
218Kb / 4P
3-phase WYE RFI Power Line Filters
16AYC10B MACOM-16AYC10B Datasheet
171Kb / 3P
3-phase WYE RFI Power Line Filters for High Noise Applications
63ADT6 MACOM-63ADT6_11 Datasheet
213Kb / 3P
High Performance High Current 3-phase Delta RFI Filters
logo
API Technologies Corp
62-PMB-050-6-12 APITECH-62-PMB-050-6-12 Datasheet
1Mb / 11P
Power Line Filters Three Phase
logo
TE Connectivity Ltd
ADT TEC-ADT Datasheet
213Kb / 3P
High Performance High Current 3-phase Delta RFI Filters
AYA TEC-AYA Datasheet
218Kb / 4P
3-phase WYE RFI Power Line Filters
AYC TEC-AYC Datasheet
171Kb / 3P
3-phase WYE RFI Power Line Filters for High Noise Applications
logo
TDK Electronics
YFF31HC TDK-YFF31HC Datasheet
134Kb / 5P
3-terminal filters For large-current power line
logo
TE Connectivity Ltd
1773449-2 TEC-1773449-2 Datasheet
513Kb / 6P
Corcom High Current AC Power Line Filters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com