Electronic Components Datasheet Search
  English  ▼

X  

INA228 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # INA228
Description  INA228-Q1 AEC-Q100, 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA228 Datasheet(HTML) 33 Page - Texas Instruments

Back Button INA228 Datasheet HTML 29Page - Texas Instruments INA228 Datasheet HTML 30Page - Texas Instruments INA228 Datasheet HTML 31Page - Texas Instruments INA228 Datasheet HTML 32Page - Texas Instruments INA228 Datasheet HTML 33Page - Texas Instruments INA228 Datasheet HTML 34Page - Texas Instruments INA228 Datasheet HTML 35Page - Texas Instruments INA228 Datasheet HTML 36Page - Texas Instruments INA228 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
The RSHUNT term is the resistance value of the external shunt used to develop the differential voltage across the
IN+ and IN– pins. Use Equation 2 for ADCRANGE = 0. For ADCRANGE = 1, the value of SHUNT_CAL must be
multiplied by 4.
SHUNT_CAL = 13107.2 x 10
6 x CURRENT_LSB x R
SHUNT
(2)
where
• 13107.2 x 106 is an internal fixed value used to ensure scaling is maintained properly.
• the value of SHUNT_CAL must be multiplied by 4 for ADCRANGE = 1.
CURRENT_LSB =
Maximum Expected Current
2
19
(3)
Note that the current is calculated following a shunt voltage measurement based on the value set in the
SHUNT_CAL register. If the value loaded into the SHUNT_CAL register is zero, the current value reported
through the CURRENT register is also zero.
After programming the SHUNT_CAL register with the calculated value, the measured current in Amperes can be
read from the CURRENT register. The final value is scaled by CURRENT_LSB and calculated in Equation 4:
Current [A] = CURRENT_LSB x CURRENT
(4)
where
• CURRENT is the value read from the CURRENT register
The power value can be read from the POWER register as a 24-bit value and converted to Watts by using
Equation 5:
Power [W] = 3.2 x CURRENT_LSB x POWER
(5)
where
• POWER is the value read from the POWER register.
• CURRENT_LSB is the lsb size of the current calculation as defined by Equation 3.
The energy value can be read from the ENERGY register as a 40-bit unsigned value in Joules units. The energy
value in Joules is converted by using Equation 6:
Energy [J] = 16 x 3.2 x CURRENT_LSB x ENERGY
(6)
www.ti.com
INA228-Q1
SLYS022A – JUNE 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: INA228-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com