Electronic Components Datasheet Search
  English  ▼

X  

TM161ABC6 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TM161ABC6
Description  SPECIFICATION FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TM161ABC6 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TM161ABC6 Datasheet HTML 6Page - List of Unclassifed Manufacturers TM161ABC6 Datasheet HTML 7Page - List of Unclassifed Manufacturers TM161ABC6 Datasheet HTML 8Page - List of Unclassifed Manufacturers TM161ABC6 Datasheet HTML 9Page - List of Unclassifed Manufacturers TM161ABC6 Datasheet HTML 10Page - List of Unclassifed Manufacturers TM161ABC6 Datasheet HTML 11Page - List of Unclassifed Manufacturers TM161ABC6 Datasheet HTML 12Page - List of Unclassifed Manufacturers TM161ABC6 Datasheet HTML 13Page - List of Unclassifed Manufacturers TM161ABC6 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image

6.3 Interface Timing Chart
AC Characteristics(V =4.5V~5.5V,Ta=-30~+85











































7
0RGH
&KDUDFWHULVWLF
6\PERO
0LQï
7\Sï
0D[ï
8QLW
:ULWHý0RGH
õ5HIHUýWRý)LJðçô
(ý&\FOHý7LPH
WF
èíí
ð
ð
QV
(ý5LVHýîý)DOOý7LPH
W5ñW)
ðð
ëí
(ý3XOVHý:LGWKýõ+LJKñý/RZô
WZ
ëêí
ð
ð
5î:ýDQGý56ý6HWXSý7LPH
WVXì
éí
ð
ð
5î:ýDQGý56ý+ROGý7LPH
W+ì
ìí
ð
ð
'DWDý6HWXSý7LPH
WVXë
åí
ð
ð
'DWDý+ROGý7LPH
W+ë
ìí
ð
ð
5HDGý0RGH
õ5HIHUýWRý)LJðæô
(ý&\FOHý7LPH
WF
èíí
ð
ð
QV
(ý5LVHýîý)DOOý7LPH
W5ñW)
ðð
ëí
(ý3XOVHý:LGWKýõ+LJKñý/RZô
WZ
ëêí
ð
ð
5î:ýDQGý56ý6HWXSý7LPH
WVX
éí
ð
ð
5î:ýDQGý56ý+ROGý7LPH
W+
ìí
ð
ð
'DWDý2XWSXWý'HOD\ý7LPH
W'
ðð
ìëí
'DWDý+ROGý7LPH
W'+
èð
ð



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com