Electronic Components Datasheet Search
  English  ▼

X  

INA238 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # INA238
Description  INA238-Q1 AEC-Q100, 85-V, 16-Bit, High-Precision Power Monitor With I2C Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA238 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA238 Datasheet HTML 11Page - Texas Instruments INA238 Datasheet HTML 12Page - Texas Instruments INA238 Datasheet HTML 13Page - Texas Instruments INA238 Datasheet HTML 14Page - Texas Instruments INA238 Datasheet HTML 15Page - Texas Instruments INA238 Datasheet HTML 16Page - Texas Instruments INA238 Datasheet HTML 17Page - Texas Instruments INA238 Datasheet HTML 18Page - Texas Instruments INA238 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
7.3.3 Low Bias Current
The INA238-Q1 features very low input bias current which provides several benefits. The low input bias current
of the INA238-Q1 reduces the current consumed by the device in both active and shutdown state. Another
benefit of low bias current is that it allows the use of input filters to reject high-frequency noise before the signal
is converted to digital data. In traditional digital current-sense amplifiers, the addition of input filters comes at
the cost of reduced accuracy. However, as a result of the low bias current, the reduction in accuracy due to
input filters is minimized. An additional benefit of low bias current is the ability to use a larger shunt resistor to
accurately sense smaller currents. Use of a larger value for the shunt resistor allows the device to accurately
monitor currents in the sub-mA range.
The bias current in the INA238-Q1 is the smallest when the sensed current is zero. As the current starts to
increase, the differential voltage drop across the shunt resistor increases which results in an increase in the bias
current as shown in Input Bias Current vs. Differential Input Voltage.
7.3.4 High-Precision Delta-Sigma ADC
The integrated ADC is a high-performance, low-offset, low-drift, delta-sigma ADC designed to support
bidirectional current flow at the shunt voltage measurement channel. The measured inputs are selected through
the high-voltage input multiplexer to the ADC inputs as shown in Figure 7-1. The ADC architecture enables
lower drift measurement across temperature and consistent offset measurements across the common-mode
voltage, temperature, and power supply variations. A low-offset ADC is preferred in current sensing applications
to provide a near 0-V offset voltage that maximizes the useful dynamic range of the system.
The INA238-Q1 can measure the shunt voltage, bus voltage, and die temperature, or a combination of any
based on the selected MODE bits setting in the ADC_CONFIG register. This permits selecting modes to convert
only the shunt voltage or bus voltage to further allow the user to configure the monitoring function to fit the
specific application requirements. When no averaging is selected, once an ADC conversion is completed, the
converted values are independently updated in their corresponding registers where they can be read through
the digital interface at the time of conversion end. The conversion time for shunt voltage, bus voltage, and
temperature inputs are set independently from 50 µs to 4.12ms depending on the values programmed in the
ADC_CONFIG register. Enabled measurement inputs are converted sequentially so the total time to convert
all inputs depends on the conversion time for each input and the number of inputs enabled. When averaging
is used, the intermediate values are subsequently stored in an averaging accumulator, and the conversion
sequence repeats until the number of averages is reached. After all of the averaging has been completed, the
final values are updated in the corresponding registers that can then be read. These values remain in the data
output registers until they are replaced by the next fully completed conversion results. In this case, reading the
data output registers does not affect a conversion in progress.
The ADC has two conversion modes—continuous and triggered—set by the MODE bits in ADC_CONFIG
register. In continuous-conversion mode, the ADC will continuously convert the input measurements and update
the output registers as described above in an indefinite loop. In triggered-conversion mode, the ADC will convert
the input measurements as described above, after which the ADC will go into shutdown mode until another
single-shot trigger is generated by writing to the MODE bits. Writing the MODE bits will interrupt and restart
triggered or continuous conversions that are in progress. Although the device can be read at any time, and
the data from the last conversion remains available, the Conversion Ready flag (CNVRF bit in DIAG_ALRT
register) is provided to help coordinate triggered conversions. This bit is set after all conversions and averaging
is completed.
The Conversion Ready flag (CNVRF) clears under these conditions:
• Writing to the ADC_CONFIG register (except for selecting shutdown mode); or
• Reading the DIAG_ALRT Register
While the INA238-Q1 device is used in either one of the conversion modes, a dedicated digital engine is
calculating the current and power values in the background as described in Section 7.3.2. All of the calculations
are performed in the background and do not contribute to conversion time.
For applications that must synchronize with other components in the system, the INA238-Q1 conversion can be
delayed by programming the CONVDLY bits in CONFIG register in the range between 0 (no delay) and 510
www.ti.com
INA238-Q1
SLYS026A – JUNE 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA238-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com