Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO1640 Datasheet HTML 8Page - Texas Instruments ISO1640 Datasheet HTML 9Page - Texas Instruments ISO1640 Datasheet HTML 10Page - Texas Instruments ISO1640 Datasheet HTML 11Page - Texas Instruments ISO1640 Datasheet HTML 12Page - Texas Instruments ISO1640 Datasheet HTML 13Page - Texas Instruments ISO1640 Datasheet HTML 14Page - Texas Instruments ISO1640 Datasheet HTML 15Page - Texas Instruments ISO1640 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
6.9 Electrical Characteristics
over recommended operating conditions, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SIDE 1
VILT1
Voltage input threshold low
(SDA1 and SCL1)
480
560
mV
VIHT1
Voltage input threshold high
(SDA1 and SCL1)
520
620
mV
VHYST1
Voltage input hysteresis
VIHT1 – VILT1
50
60
mV
VOL1
Low-level output voltage(1)
(SDA1 and SCL1)
0.5 mA ≤ (ISDA1 and ISCL1) ≤ 3.5 mA
570
650
710
mV
ΔVOIT1
Low-level output voltage to high-level input
voltage threshold difference, SDA1 and
SCL1(2) (3)
0.5 mA ≤ (ISDA1 and ISCL1) ≤ 3.5 mA
50
mV
SIDE 2
VILT2
Voltage input threshold low
(SDA2 and SCL2)
0.3 × VCC2
0.4 × VCC2
V
VIHT2
Voltage input threshold high
(SDA2 and SCL2)
0.4 × VCC2
0.5 × VCC2
V
VHYST2
Voltage input hysteresis
VIHT2 – VILT2
0.05 × VCC2
V
VOL2
Low-level output voltage
(SDA2 and SCL2)
0.5 mA ≤ (ISDA2 and ISCL2) ≤ 50 mA
0.4
V
BOTH SIDES
|II|
Input leakage currents
(SDA1, SCL1, SDA2, and SCL2)
VSDA1, VSCL1 = VCC1,
VSDA2, VSCL2 = VCC2
0.01
10
µA
CI
Input capacitance to local ground
(SDA1, SCL1, SDA2, and SCL2)
VI = 0.4 × sin(2e6*πt) + VDDx / 2
10
pF
CMTI
Common-mode transient immunity
VCM = 1000 V, see Common-Mode
Transient Immunity Test Circuit
50
100
kV/µs
GPIO Channels
VIOOH
High-level output voltage
VCCx = 5 V, IOH = -4 mA; See TBD.
ISO1644 only
VCCO - 0.4
V
VCCx = 3.3 V, IOH = -2 mA; See TBD.
ISO1644 only
VCCO - 0.3
V
VCC1 = 2.5 V, IOH = -1 mA; See TBD.
ISO1644 only
VCCO - 0.2
V
VIOOL
Low-level output voltage
VCCx = 5 V, IOH = 4 mA; See TBD. ISO1644
only
0.4
V
VCCx = 3.3 V, IOH = 2 mA; See TBD.
ISO1644 only
0.3
V
VCC1 = 2.5 V, IOH = 1 mA; See TBD.
ISO1644 only
0.2
V
VIT+(IN)
Rising input switching threshold
ISO1644 only
0.7 x VCCI (1)
V
VIT-(IN)
Falling input switching threshold
ISO1644 only
0.3 x VCCI
V
VI(HYS)
Input threshold voltage hysteresis
ISO1644 only
0.1 x VCCI
V
IIH
High-level input current
VIH = VCCI (1) at INx ISO1644 only
10
µA
IIL
Low-level input current
VIL = 0 V at INx ISO1644 only
-10
µA
(1)
This parameter does not apply to the SCL1 line of the ISO1641 device because it is unidirectional.
(2)
∆VOIT1 = VOL1 – VIHT1. This value represents the minimum difference between a threshold for the low-level output voltage and
a threshold for the high-level input voltage to prevent a permanent latch condition that would otherwise occur with bidirectional
communication.
(3)
Any supply voltages on either side that are less than the minimum value make sure that the device does a lockout. Both supply
voltages that are greater than the maximum value keep the device from a lockout.
ISO1640, ISO1641, ISO1644
SLLSFC2C – MAY 2021 – REVISED JUNE 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO1640 ISO1641 ISO1644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com