Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA821 Datasheet HTML 22Page - Texas Instruments INA821 Datasheet HTML 23Page - Texas Instruments INA821 Datasheet HTML 24Page - Texas Instruments INA821 Datasheet HTML 25Page - Texas Instruments INA821 Datasheet HTML 26Page - Texas Instruments INA821 Datasheet HTML 27Page - Texas Instruments INA821 Datasheet HTML 28Page - Texas Instruments INA821 Datasheet HTML 29Page - Texas Instruments INA821 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
9.2.1.2.3 Input Voltage Range
The INA592 is able to measure input voltages beyond the supply rails. The internal resistors divide down the
voltage before the voltage reaches the internal op amp, and provide protection to the op amp inputs. Figure 9-3
shows an example of how the voltage division works in a difference-amplifier configuration. For the INA592 to
measure correctly, the input voltages at the input nodes of the internal op amp must stay less than 0.1 V of the
positive supply rail, and can exceed the negative supply rail by 0.1 V. See Section 10 for more details.
REF
R4
R3
R2
R1
OUT
V
+IN
V
-IN
+
±
SENSE
V-
IN
R2
INOP
R1 R2
V
IN
R2
INOP
R1 R2
V
Figure 9-3. Voltage Division in the Difference Amplifier Configuration
The INA592 has integrated ESD diodes at the inputs that provide overvoltage protection. This feature simplifies
system design by eliminating the need for additional external protection circuitry, and enables a more robust
system. The voltages at any of the inputs of the devices in G = ½ configuration with ±18-V supplies can safely
range from +VS − 54 V up to −VS + 54 V. For example, on ±10-V supplies, input voltages can go as high as
±30 V.
9.2.1.2.4 Capacitive Load Drive Capability
The INA592 can drive large capacitive loads, even at low supplies. The device is stable with a 500-pF load; see
Section 7.7.
INA592
SBOS914F – OCTOBER 2018 – REVISED APRIL 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com