Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA333 Datasheet HTML 20Page - Texas Instruments INA333 Datasheet HTML 21Page - Texas Instruments INA333 Datasheet HTML 22Page - Texas Instruments INA333 Datasheet HTML 23Page - Texas Instruments INA333 Datasheet HTML 24Page - Texas Instruments INA333 Datasheet HTML 25Page - Texas Instruments INA333 Datasheet HTML 26Page - Texas Instruments INA333 Datasheet HTML 27Page - Texas Instruments INA333 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
9.2.1.2 Detailed Design Procedure
9.2.1.2.1 Operating Voltage
The INA597 operates from single (4.5 V to 36 V) or dual (±2.25 V to ±18 V) supplies with excellent
performance. Specifications are production tested with +5-V and ±15-V supplies. Most behavior remains
unchanged throughout the full operating voltage range. Parameters that vary significantly with operating voltage
are shown in Section 7.7. The internal op amp in the INA597 is a single-supply design. This design allows linear
operation with the op amp common-mode voltage equal to, or slightly less than V– (or single-supply ground).
Although input voltages on pins 2 and 3 that are less than the negative supply voltage do not damage the
device, operation in this region is not recommended. Transient conditions at the inverting input terminal less than
the negative supply can cause a positive feedback condition that could lock the device output to the negative rail.
The INA597 accurately measures differential signals that are greater than the positive power supply. For
example with G = ½, the linear common-mode range extends to nearly three times the positive power supply
voltage; see Section 7.7, as well as Section 9.2.1.2.3.
9.2.1.2.2 Offset Voltage Trim
The INA597 is production trimmed for low offset voltage and drift. Most applications require no external offset
adjustment. Figure 9-2 shows an optional circuit for trimming the output offset voltage. The output is referred to
the output reference terminal (pin 1), which is normally grounded. A voltage applied to the REF pin is summed
with the output signal. This configuration can be used to null offset voltage. To maintain good common-mode
rejection, make sure the source impedance of a signal applied to the REF pin is less than 8 Ω. For low
impedance at the REF pin, the trim voltage can be buffered with an op amp, such as the OPA177.
V
3
5
6
3
V
O
INA597
V
O = V3 – V2
Offset Adjustment
Range = ±500 µV
2
R
3
REF
R
1
R
2
R4
V
2
8 W
R = 237 kW
8 W
100 kW
+15 V
–15 V
1
NOTE: For ±750-µV range, R = 158 k .
W
Figure 9-2. Offset Adjustment
INA597
SBOS385B – AUGUST 2019 – REVISED APRIL 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA597



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com