Electronic Components Datasheet Search
  English  ▼

X  

INA592IDRCR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA592IDRCR
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA592IDRCR Datasheet(HTML) 1 Page - Texas Instruments

  INA592IDRCR Datasheet HTML 1Page - Texas Instruments INA592IDRCR Datasheet HTML 2Page - Texas Instruments INA592IDRCR Datasheet HTML 3Page - Texas Instruments INA592IDRCR Datasheet HTML 4Page - Texas Instruments INA592IDRCR Datasheet HTML 5Page - Texas Instruments INA592IDRCR Datasheet HTML 6Page - Texas Instruments INA592IDRCR Datasheet HTML 7Page - Texas Instruments INA592IDRCR Datasheet HTML 8Page - Texas Instruments INA592IDRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
INA592 High-Precision, Wide-Bandwidth e-trim™ Difference Amplifier
1 Features
• G = 1/2 amplifier
• G = 2 amplifier
• Low offset voltage: 40 μV (maximum)
• Low offset voltage drift: ±2 μV/°C (maximum)
• Low noise: 18 nV/√Hz at 1 kHz
• Low gain error: ±0.03% (maximum)
• High common-mode rejection: 88 dB (minimum)
• Wide bandwidth: 2 MHz GBW
• Low quiescent current: 1.1 mA per amplifier
• High slew rate: 18 V/μs
• High capacitive load drive capability: 500 pF
• Wide supply range:
– Single supply: 4.5 V to 36 V
– Dual supply: ±2.25 V to ±18 V
• Specified temperature range:
–40°C to +125°C
• Packages: 8-Pin MSOP and SOIC, 10-pin VSON
2 Applications
• AC drive position feedback
• Servo drive position feedback
• Condition monitoring module (voltage, current)
• Power supply module
• Semiconductor test
3 Description
The INA592 device is a low-power, wide bandwidth
difference
amplifier
consisting
of
a
precision
operational amplifier (op amp) and a precision
resistor network. Excellent tracking of resistors (TCR)
maintains gain accuracy and common-mode rejection
over temperature. Unique features such as low offset
40 μV (maximum), low offset drift (2 μV/°C maximum)
high slew rate (18 V/μs), and high capacitive load
drive of up to 500 pF make the INA592 a robust,
high-performance difference amplifier for high-voltage
industrial applications. The common-mode range of
the internal op amp extends to the negative supply,
enabling the device to operate in single-supply
applications. The device operates on single (4.5 V to
36 V) or dual supplies (±2.25 V to ±18 V).
The difference amplifier is the foundation of many
commonly used circuits. The INA592 provides this
circuit function without using an expensive precision
resistor network.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
INA592
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
VSON (10)
3.00 mm × 3.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
16 Bits Out
AIN
ADC
V+
V±
REF
OUT
+IN
±IN
+
±
SENSE
VCC
INA592
12 k
6 k
12 k
6 k
IN
IN
OUT
1
V
V
V
2
u
INA592D/DGK in a Differential Input Data
Acquisition Application
Offset Voltage (PV)
0
5%
10%
15%
20%
-40
40
-32
-24
-16
-8
0
8
16
24
32
Typical Distribution of Offset Voltage (RTO)
G = 1/2, VS = ±18 V
www.ti.com
INA592
SBOS914F – OCTOBER 2018 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: INA592
INA592
SBOS914F – OCTOBER 2018 – REVISED APRIL 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA592IDRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA592IDRCR TI-INA592IDRCR Datasheet
3Mb / 45P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592IDRCR TI-INA592IDRCR Datasheet
3Mb / 45P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592IDRCR TI2-INA592IDRCR Datasheet
3Mb / 49P
INA592 High-Precision, Wide-Bandwidth e-trim™ Difference Amplifier
REVISED APRIL 2021
INA592IDRCR.B TI2-INA592IDRCR.B Datasheet
3Mb / 49P
INA592 High-Precision, Wide-Bandwidth e-trim™ Difference Amplifier
REVISED APRIL 2021
More results

Similar Description - INA592IDRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA727AIDGKT TI-OPA727AIDGKT Datasheet
1,017Kb / 28P
e-trim 20MHz, High Precision CMOS
logo
Analog Devices
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
High Voltage, Precision Difference Amplifier
12/2016-Rev. B to Rev. C
logo
Texas Instruments
INA592 TI1-INA592 Datasheet
442Kb / 20P
High-Precision, Wide-Bandwidth e-trim Difference Amplifier
INA597 TI1-INA597 Datasheet
1Mb / 40P
INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V01 Datasheet
2Mb / 44P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V02 Datasheet
3Mb / 45P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V03 Datasheet
3Mb / 45P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI-INA597_V01 Datasheet
2Mb / 42P
INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI-INA597_V02 Datasheet
3Mb / 47P
INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
logo
Analog Devices
AD8202-KGD AD-AD8202-KGD Datasheet
143Kb / 8P
High Voltage, Precision Difference Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com