Electronic Components Datasheet Search
  English  ▼

X  

INA597IDR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA597IDR
Description  INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA597IDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA597IDR Datasheet HTML 7Page - Texas Instruments INA597IDR Datasheet HTML 8Page - Texas Instruments INA597IDR Datasheet HTML 9Page - Texas Instruments INA597IDR Datasheet HTML 10Page - Texas Instruments INA597IDR Datasheet HTML 11Page - Texas Instruments INA597IDR Datasheet HTML 12Page - Texas Instruments INA597IDR Datasheet HTML 13Page - Texas Instruments INA597IDR Datasheet HTML 14Page - Texas Instruments INA597IDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
7.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VOUT = VS / 2, RL = 10 kΩ, REF pin connected to ground, G = 1/2 (unless otherwise noted)
Common-Mode Voltage (V)
-60
-40
-20
0
20
40
60
-1500
-1000
-500
0
500
1000
1500
2000
2500
3000
3500
D013
40qC
25qC
125 qC
G = 1/2
Figure 7-13. Input Bias Current vs Common-Mode Voltage
Common-Mode Voltage (V)
-30 -25 -20 -15 -10
-5
0
5
10
15
20
25
30
-1500
-1000
-500
0
500
1000
1500
2000
2500
3000
3500
D014
40qC
25qC
125qC
G = 2
Figure 7-14. Input Bias Current vs Common-Mode Voltage
Common-Mode Rejection Ratio (PV/V)
-40
40
-32
-24
-16
-8
0
8
16
24
32
30
25
20
15
10
5
0
D015
N = 470
Mean = 6.01 μV/V
Std. Dev. = 4.85 μV/V
G = 1/2
VS = ±2.25 V
Figure 7-15. Typical CMRR Distribution
Common-Mode Rejection Ratio (PV/V)
-80
80
-60
-40
-20
0
20
40
60
30
25
20
15
10
5
0
D016
N = 470
Mean = –6.22 μV/V
Std. Dev. = 10.74 μV/V
G= 2
VS = ±2.25 V
Figure 7-16. Typical CMRR Distribution
Common-Mode Rejection Ratio (PV/V)
-40
40
-32
-24
-16
-8
0
8
16
24
32
40
30
20
10
0
D017
N = 470
Mean = 4.86 μV/V
Std. Dev. = 4.75 μV/V
G = 1/2
Figure 7-17. Typical CMRR Distribution
Common-Mode Rejection Ratio (PV/V)
-80
80
-60
-40
-20
0
20
40
60
30
25
20
15
10
5
0
D018
N = 470
Mean = –8.64 μV/V
Std. Dev. = 9.70 μV/V
G = 2
Figure 7-18. Typical CMRR Distribution
www.ti.com
INA597
SBOS385B – AUGUST 2019 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA597



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com