Electronic Components Datasheet Search
  English  ▼

X  

OPA992 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA992 Datasheet HTML 8Page - Texas Instruments OPA992 Datasheet HTML 9Page - Texas Instruments OPA992 Datasheet HTML 10Page - Texas Instruments OPA992 Datasheet HTML 11Page - Texas Instruments OPA992 Datasheet HTML 12Page - Texas Instruments OPA992 Datasheet HTML 13Page - Texas Instruments OPA992 Datasheet HTML 14Page - Texas Instruments OPA992 Datasheet HTML 15Page - Texas Instruments OPA992 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
–200 µV to +200 µV. At 4 σ (±800 µV), 99.9937% of the distribution has an offset voltage less than ±800 µV,
which means 0.0063% of the population is outside of these limits, which corresponds to about 1 in 15,873 units.
Specifications with a value in the minimum or maximum column are assured by TI, and units outside these limits
will be removed from production material. For example, the OPAx992 family has a maximum offset voltage of
1 mV at 25°C, and even though this corresponds to 5 σ (≈1 in 1.7 million units), which is extremely unlikely, TI
assures that any unit with larger offset than 1 mV will be removed from production material.
For specifications with no value in the minimum or maximum column, consider selecting a sigma value of
sufficient guardband for your application, and design worst-case conditions using this value. For example, the
6-σ value corresponds to about 1 in 500 million units, which is an extremely unlikely chance, and could be
an option as a wide guardband to design a system around. In this case, the OPAx992 family does not have
a maximum or minimum for offset voltage drift. But based on the typical value of 0.5 µV/°C in the Electrical
Characteristics table, it can be calculated that the 6-σ value for offset voltage drift is about 3 µV/°C. When
designing for worst-case system conditions, this value can be used to estimate the worst possible offset across
temperature without having an actual minimum or maximum value.
However, process variation and adjustments over time can shift typical means and standard deviations, and
unless there is a value in the minimum or maximum specification column, TI cannot assure the performance of a
device. This information should be used only to estimate the performance of a device.
7.4 Device Functional Modes
The OPAx992 has a single functional mode and is operational when the power-supply voltage is greater than or
equal to 2.7 V (±1.35 V). The maximum power supply voltage for the OPAx992 is 40 V (±20 V).
The OPAx992S devices feature a shutdown pin, which can be used to place the op amp into a low-power mode.
OPA992, OPA2992, OPA4992
SBOSA10 – JUNE 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA992 OPA2992 OPA4992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com