Electronic Components Datasheet Search
  English  ▼

X  

REF3425 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # REF3425
Description  REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3425 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF3425 Datasheet HTML 6Page - Texas Instruments REF3425 Datasheet HTML 7Page - Texas Instruments REF3425 Datasheet HTML 8Page - Texas Instruments REF3425 Datasheet HTML 9Page - Texas Instruments REF3425 Datasheet HTML 10Page - Texas Instruments REF3425 Datasheet HTML 11Page - Texas Instruments REF3425 Datasheet HTML 12Page - Texas Instruments REF3425 Datasheet HTML 13Page - Texas Instruments REF3425 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VIN = VEN = 12 V, IL = 0 mA, CL = 10 µF, CIN = 0.1 µF (unless otherwise noted)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
5.7
6
6.3
6.6
6.9
7.2
7.5
7.8
8.1
8.4
8.7
D020
Figure 7-7. Load Regulation Sourcing
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
30
32.5
35
37.5
40
42.5
45
47.5
50
52.5
55
D021
Figure 7-8. Load Regulation Sinking
Figure 7-9. Noise Performance 10 Hz to 10 kHz
250µs/div
1mA/div
4mV/div
ILOAD
VOUT
+1mA
+1mA
-1mA
(CL = 1µF, IOUT = 1mA)
D010
Figure 7-10. Load Transient
250µs/div
1mA/div
4mV/div
ILOAD
VOUT
+1mA
+1mA
-1mA
(CL = 10µF, IOUT = 1mA)
D010
Figure 7-11. Load Transient
250µs/div
10mA/div
100mV/div
ILOAD
VOUT
+10mA
+10mA
-10mA
(CL = 1µF, IOUT = 10mA)
D010
Figure 7-12. Load Transient
REF3425, REF3430, REF3433, REF3440, REF3450
SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com