| Electronic Components Datasheet Search |
|
REF3450 Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF3450 Datasheet(HTML) 15 Page - Texas Instruments |
|
15 / 31 page ![]() Thermal Hysteresis - Cycle 1 (ppm) 0 5% 10% 15% 20% 25% 30% D016 Figure 8-4. Thermal Hysteresis Distribution Cycle 1 (VOUT) Thermal Hysteresis - Cycle 2 (ppm) 0 5% 10% 15% 20% 25% 30% D016 Figure 8-5. Thermal Hysteresis Distribution Cycle 2 (VOUT) 8.4 Power Dissipation The REF34xx voltage references are capable of source and sink up to 10 mA of load current across the rated input voltage range. However, when used in applications subject to high ambient temperatures, the input voltage and load current must be carefully monitored to ensure that the device does not exceeded its maximum power dissipation rating. The maximum power dissipation of the device can be calculated with Equation 2: J A D JA T T P R T u (2) where • PD is the device power dissipation • TJ is the device junction temperature • TA is the ambient temperature • RθJA is the package (junction-to-air) thermal resistance Because of this relationship, acceptable load current in high temperature conditions may be less than the maximum current-sourcing capability of the device. In no case should the device be operated outside of its maximum power rating because doing so can result in premature failure or permanent damage to the device. www.ti.com REF3425, REF3430, REF3433, REF3440, REF3450 SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 15 Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |