Electronic Components Datasheet Search
  English  ▼

X  

R6D-SS2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R6D-SS2
Description  Remote I/O R6 Series DC CURRENT INPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R6D-SS2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R6D-SS2 Datasheet HTML 1Page - M-System Co.,Ltd. R6D-SS2 Datasheet HTML 2Page - M-System Co.,Ltd. R6D-SS2 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R6D-SS2
R6D-SS2 SPECIFICATIONS
ES-7781-AC Rev.0 Page 1/3
http://www.m-system.co.jp/
Remote I/O R6 Series
DC CURRENT INPUT MODULE
(2 points, Euro terminal)
Functions & Features
• 2 channels for DC current input, compact size remote I/O
module
• Isolation between channels
• Input range adjustment with DIP switch or PC configurator
5.9 (.23)
94
(3.70)
102
(4.02)
mm (inch)
MODEL: R6D–SS2[1]
ORDERING INFORMATION
• Code number: R6D-SS2[1]
Specify a code from below for [1].
(e.g. R6D-SS2/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC configurator software (model: R6CON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R6D-BS)
Input: Euro terminal block (torque 0.3 N·m)
(Applicable wire size: 0.2 to 2.5 mm2, stripped length 8
mm)
Internal power: Via the Installation Base (model: R6D-BS)
Housing material: Flame-resistant resin (black)
Isolation: Input 1 to input 2 to internal bus or internal power
Zero adjustments: PC programming
Span adjustments: PC programming
Input range: Selectable with the side DIP SW or PC
programming
Module address: Selectable with DIP and rotary switches on
the side
Configuration mode: With DIP switches on the side panel
Power indicator: Green LED; Refer to the istruction manual
for details.
Status indicator: Bi-color (red/green) LED;
Refer to the instruction manual for details.
INPUT SPECIFICATIONS
■ Narrow Span: 1500 Ω input resistor incorporated
Input range: -1 – +1 mA, 0 – 1 mA DC
■ Wide Span: 24.9 Ω input resistor incorporated
Input range: -40 – +40 mA, -20 – +20 mA,
0 – 40 mA, 0 – 20 mA, 4 – 20 mA DC
INSTALLATION
Current consumption: 20 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R6D-BS)
Weight: 60 g (2.1 oz)
PERFORMANCE
Conversion rate (PC programmable. Factory set to 80
msec.)/conversion accuracy:
10 msec./±0.8 %
20 msec./±0.4 %
40 msec./±0.2 %
80 msec./±0.1 %
Data range: 0 – 10000 of the input range
Data allocation: 2
Temp. coefficient: ±0.01 %/°C (±0.006 %/°F)
Response time: Conversion rate × 2 + 50 msec. or less
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input 1 to input
2 to internal bus or internal power to ground)


Similar Part No. - R6D-SS2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6D-SV2 MSYSTEM-R6D-SV2 Datasheet
116Kb / 3P
Remote I/O R6 Series DC VOLTAGE INPUT MODULE
R6D-SV2/Q MSYSTEM-R6D-SV2/Q Datasheet
116Kb / 3P
Remote I/O R6 Series DC VOLTAGE INPUT MODULE
More results

Similar Description - R6D-SS2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6D-YS2 MSYSTEM-R6D-YS2 Datasheet
122Kb / 3P
Remote I/O R6 Series DC CURRENT OUTPUT MODULE
R6D-TS2 MSYSTEM-R6D-TS2 Datasheet
125Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6D-SV2 MSYSTEM-R6D-SV2 Datasheet
116Kb / 3P
Remote I/O R6 Series DC VOLTAGE INPUT MODULE
R6N-SS2 MSYSTEM-R6N-SS2 Datasheet
130Kb / 3P
Remote I/O R6 Series DC CURRENT INPUT MODULE
R6N-SV2 MSYSTEM-R6N-SV2 Datasheet
129Kb / 3P
Remote I/O R6 Series DC VOLTAGE INPUT MODULE
R6N-TS2 MSYSTEM-R6N-TS2 Datasheet
140Kb / 4P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6N-YS2 MSYSTEM-R6N-YS2 Datasheet
135Kb / 3P
Remote I/O R6 Series DC CURRENT OUTPUT MODULE
R6S-YS2 MSYSTEM-R6S-YS2 Datasheet
149Kb / 3P
Remote I/O R6 Series DC CURRENT OUTPUT MODULE
R6S-SV2 MSYSTEM-R6S-SV2 Datasheet
144Kb / 3P
Remote I/O R6 Series DC VOLTAGE INPUT MODULE
R6S-SS2 MSYSTEM-R6S-SS2 Datasheet
145Kb / 3P
Remote I/O R6 Series DC CURRENT INPUT MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com