Electronic Components Datasheet Search
  English  ▼

X  

R5-YS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R5-YS
Description  Remote I/O R5 Series 4 - 20 mA OUTPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-YS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R5-YS Datasheet HTML 1Page - M-System Co.,Ltd. R5-YS Datasheet HTML 2Page - M-System Co.,Ltd. R5-YS Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R5-YS
R5-YS SPECIFICATIONS
ES-6120 Rev.9 Page 1/3
http://www.m-system.co.jp/
Remote I/O R5 Series
4 - 20 mA OUTPUT MODULE
96.5
(3.80)
18 (.71)
90
(3.54)
mm (inch)
MODEL: R5-YS[1][2]/A[3]
ORDERING INFORMATION
• Code number: R5-YS[1][2]/A[3]
Specify a code from below for each [1] through [3].
(e.g. R5-YS1W/A/H/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] NO. OF CHANNELS
1: 1
2: 2
[2] COMMUNICATION MODE
S: Single
W: Dual
OUTPUT HOLD
/A: With output hold setting switch
[3] OPTIONS (multiple selections)
Load Resistance
blank: ≤ 300 Ω
/H: ≤ 600Ω (available only for 1-channel output type)
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R5-BS)
Output: Euro type connector terminal
(Applicable wire size: 0.2 – 2.5 mm2 (AWG24 - 12),
stripped length 7 mm)
Internal power: Via the base (model: R5-BS)
Isolation: Output 1 to output 2 to internal bus or internal
power
Output hold: Setting of output hold or off for communication
error with side DIP SW
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
OUTPUT SPECIFICATIONS
Output range: 4 – 20 mA DC
Load resistance: 300 Ω max. (600 Ω max. with Option /H)
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R5-BS)
Weight: 100 g (3.53 oz)
PERFORMANCE
Conversion accuracy: ±0.1 %
Data range: 0 – 10000 of the output range
Data allocation: 1 (2 for 2-channel type)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
With Option /H, ±0.02 %/°C (±0.01 %/°F)
Response time: ≤ 0.2 sec. (0 – 90 %)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(output 1 to output 2 to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581


Similar Part No. - R5-YS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5-YV MSYSTEM-R5-YV Datasheet
112Kb / 3P
Remote I/O R5 Series
R5-YV1S MSYSTEM-R5-YV1S Datasheet
112Kb / 3P
Remote I/O R5 Series
R5-YV1S MSYSTEM-R5-YV1S Datasheet
110Kb / 3P
Remote I/O R5 Series DC VOLTAGE OUTPUT MODULE
R5-YV1S/Q MSYSTEM-R5-YV1S/Q Datasheet
112Kb / 3P
Remote I/O R5 Series
R5-YV1S/Q MSYSTEM-R5-YV1S/Q Datasheet
110Kb / 3P
Remote I/O R5 Series DC VOLTAGE OUTPUT MODULE
More results

Similar Description - R5-YS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5-TCT MSYSTEM-R5-TCT Datasheet
104Kb / 3P
Remote I/O R5 Series
R5-PA2 MSYSTEM-R5-PA2 Datasheet
114Kb / 3P
Remote I/O R5 Series
R5-TYV MSYSTEM-R5-TYV Datasheet
110Kb / 3P
Remote I/O R5 Series DC VOLTAGE OUTPUT MODULE
R5-TYS MSYSTEM-R5-TYS Datasheet
110Kb / 3P
Remote I/O R5 Series 4 - 20 mA OUTPUT MODULE
R5-TPC2 MSYSTEM-R5-TPC2 Datasheet
119Kb / 3P
Remote I/O R5 Series PULSE OUTPUT MODULE
R5-NM1 MSYSTEM-R5-NM1 Datasheet
216Kb / 7P
Remote I/O R5 Series MODBUS INTERFACE MODULE
R5-DS1A MSYSTEM-R5-DS1A Datasheet
113Kb / 3P
Remote I/O R5 Series 4 ??20 mA INPUT MODULE
R5-DS MSYSTEM-R5-DS Datasheet
114Kb / 3P
Remote I/O R5 Series 4 ??20 mA INPUT MODULE
R5-DC4 MSYSTEM-R5-DC4 Datasheet
113Kb / 3P
Remote I/O R5 Series DISCRETE OUTPUT MODULE
R5-DC16 MSYSTEM-R5-DC16 Datasheet
127Kb / 4P
Remote I/O R5 Series DISCRETE OUTPUT MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com