Electronic Components Datasheet Search
  English  ▼

X  

R5-TS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R5-TS
Description  Remote I/O R5 Series THERMOCOUPLE INPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-TS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R5-TS Datasheet HTML 1Page - M-System Co.,Ltd. R5-TS Datasheet HTML 2Page - M-System Co.,Ltd. R5-TS Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R5-TS
R5-TS SPECIFICATIONS
ES-6112 Rev.10 Page 1/3
http://www.m-system.co.jp/
Remote I/O R5 Series
THERMOCOUPLE INPUT MODULE
96.5
(3.80)
18 (.71)
90
(3.54)
mm (inch)
MODEL: R5-TS[1][2][3]
ORDERING INFORMATION
• Code number: R5-TS[1][2][3]
Specify a code from below for each [1] through [3].
(e.g. R5-TS2W/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] NO. OF CHANNELS
1: 1 channel
2: 2 channels
[2] COMMUNICATION MODE
S: Single
W: Dual
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R5-BS)
Input: Euro type connector terminal
(Applicable wire size: 0.2 – 2.5 mm2 (AWG24 - 12),
stripped length 7 mm)
Internal power: Via the base (model: R5-BS)
Isolation: Input 1 to input 2 to internal bus or internal power
Sensor type: Selectable with the side DIP SW
Temperature unit: °C, °F or absolute temperature selectable
with the side DIP SW
Burnout detection: Upscale or downscale selectable with the
side DIP SW
Linearization: Standard
Cold junction compensation: CJC sensor attached to the
input terminals
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
INPUT SPECIFICATIONS
Input resistance: 30 kΩ min.
Burnout sensing: ≤ 0.1 μA
Temperature range
T/C
°C
USABLE
CONFORMANCE
RANGE
RANGE
K (CA)*
-272 to +1472
-150 to +1370
E (CRC)*
-272 to +1120
-170 to +1000
J (IC)
-260 to +1300
-180 to +1200
T (CC)*
-272 to +500
-170 to +400
B (RH)*
24 to 1920
400 to 1760
R
-100 to +1860
200 to 1760
S
-100 to +1860
0 to 1760
C (WRe 5-26)
-52 to +2416
0 to 2315
N*
-272 to +1400
-130 to +1300
U
-252 to +700
-200 to +600
L
-252 to +1000
-200 to +900
P (Platinel II)
-52 to +1496
0 to 1395
(PR)
-52 to +1860
0 to 1760
T/C
°F
USABLE
CONFORMANCE
RANGE
RANGE
K (CA)*
-458 to +2682
-238 to +2498
E (CRC)*
-458 to +2048
-274 to +1832
J (IC)
-436 to +2372
-292 to +2192
T (CC)*
-458 to +932
-274 to +752
B (RH)*
75 to 3488
752 to 3200
R
-148 to +3380
392 to 3200
S
-148 to +3380
32 to 3200
C (WRe 5-26)
-62 to +4381
32 to 4199
N*
-458 to +2552
-202 to +2372
U
-422 to +1292
-328 to +1112
L
-422 to +1832
-328 to +1652
P (Platinel II)
-62 to +2725
32 to 2543
(PR)
-62 to +3380
32 to 3200
*Accuracy degrades at temperatures close to the lower
limit of the usable range.
Max. (upscale) or min. (downscale) value of the
usable range when a burnout is detected.


Similar Part No. - R5-TS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5-TS1A MSYSTEM-R5-TS1A Datasheet
126Kb / 4P
Remote I/O R5 Series
R5-TS1AS MSYSTEM-R5-TS1AS Datasheet
126Kb / 4P
Remote I/O R5 Series
R5-TS1AS/Q MSYSTEM-R5-TS1AS/Q Datasheet
126Kb / 4P
Remote I/O R5 Series
R5-TS1AW MSYSTEM-R5-TS1AW Datasheet
126Kb / 4P
Remote I/O R5 Series
R5-TS1AW/Q MSYSTEM-R5-TS1AW/Q Datasheet
126Kb / 4P
Remote I/O R5 Series
More results

Similar Description - R5-TS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6D-TS2A MSYSTEM-R6D-TS2A Datasheet
123Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6D-TS2 MSYSTEM-R6D-TS2 Datasheet
125Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R5-TTS MSYSTEM-R5-TTS Datasheet
124Kb / 3P
Remote I/O R5 Series THERMOCOUPLE INPUT MODULE
R6N-TS2A MSYSTEM-R6N-TS2A Datasheet
136Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R5-MS1A MSYSTEM-R5-MS1A Datasheet
108Kb / 3P
Remote I/O R5 Series POTENTIOMETER INPUT MODULE
R5-MS MSYSTEM-R5-MS Datasheet
112Kb / 3P
Remote I/O R5 Series POTENTIOMETER INPUT MODULE
R5-DA4 MSYSTEM-R5-DA4 Datasheet
120Kb / 3P
Remote I/O R5 Series DISCRETE INPUT MODULE
R5-DA16 MSYSTEM-R5-DA16 Datasheet
147Kb / 5P
Remote I/O R5 Series DISCRETE INPUT MODULE
R6S-TS2A MSYSTEM-R6S-TS2A Datasheet
146Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6N-TS2A. MSYSTEM-R6N-TS2A. Datasheet
136Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com