Electronic Components Datasheet Search
  English  ▼

X  

MBA/SMA0204VG06 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MBA/SMA0204VG06
Description  Leaded Metal Film Resistors with Established Reliability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBA/SMA0204VG06 Datasheet(HTML) 6 Page - Vishay Siliconix

  MBA/SMA0204VG06 Datasheet HTML 1Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 2Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 3Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 4Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 5Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 6Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 7Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 8Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MBA/SMA 0204 VG06, MBB/SMA 0207 VG06, MBE/SMA 0414
www.vishay.com
Vishay Beyschlag
Revision: 27-Feb-2019
6
Document Number: 28768
For technical questions, contact: specialresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
100
- 50
150
0.0
050
Ambient Temperature
amb
ϑ
1.0
70
Derating for Products ± 50 ppm/K; ± 1 %
°C
W
0.5
MBE/SMA 0414-50 1 % VG06
MBB/SMA 0207-50 1 % VG06
MBA/SMA 0204-50 1 % VG06
100
- 50
150
0.0
050
Ambient Temperature
amb
ϑ
1.0
70
Derating for Products ± 15 ppm/K; ± 0.1 %
°C
W
0.5
MBE/SMA 0414-15 0.1 % VG06
MBB/SMA 0207-15 0.1 % VG06
MBA/SMA 0204-15 0.1 % VG06
100
0.01
0.1
1K
10K
1
100K
Resistance Value
R
1M
µV/V
Current Noise Voltage Ratio
Ω 10M
MBE/SMA 0414 VG06
MBB/SMA 0207 VG06
MBA/SMA 0204 VG06
In accordance with IEC 60195



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com