Electronic Components Datasheet Search
  English  ▼

X  

M49465 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # M49465
Description  Wirewound Resistors, Precision Power, Low Value, Military,
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M49465 Datasheet(HTML) 1 Page - Vishay Siliconix

  M49465 Datasheet HTML 1Page - Vishay Siliconix M49465 Datasheet HTML 2Page - Vishay Siliconix M49465 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
M49465 Military, RLV
www.vishay.com
Vishay Dale
Revision: 21-Apr-2021
1
Document Number: 30283
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Precision Power, Low Value, Military,
MIL-PRF-49465 Qualified, Type RLV, Axial Lead
FEATURES
• Ideal for all types of current sensing applications including
switching and linear power supplies, instruments and
power amplifiers
• Proprietary processing technique produces extremely low
resistance values
• Excellent load life stability
• Low inductance
• Cooler operation for high power to size ratio
Note
• M4946506 (RLV30) and M4946507 (RLV31) are End of Life on May 22, 2021. M4946501 (RLV10) will still be supported
STANDARD ELECTRICAL SPECIFICATIONS
MILITARY MODEL
VISHAY
REFERENCE
MODEL
POWER RATING
P25 °C
W
RESISTANCE
RANGE
TOLERANCE
± %
TECHNOLOGY
M4946501 (RLV10)
SPR1005…26
5
0.01 to 0.5
1, 3, 5
Coil spacewound
M4946506 (RLV30)
LVR03...26
3
0.01 to 0.2
1, 3, 5
Metal strip
M4946507 (RLV31)
LVR05...26
5
0.01 to 0.3
1, 3, 5
Metal strip
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
M4946501 (RLV10)
M4946506 (RLV30)
M4946507 (RLV31)
Operating Temperature Range
°C
-55 to +275
Dielectric Withstanding Voltage
VRMS
1000
Insulation Resistance
1000 M
 minimum dry
Short Time Overload
-
5 x rated power for 5 s
Terminal Strength (minimum)
lb
10
Temperature Coefficient (0.01
 to 0.0249 )
ppm/°C
± 150
± 350
± 250
Temperature Coefficient (0.025
 to 0.0499 )
ppm/°C
± 125
± 200
± 150
Temperature Coefficient (0.05
 to 0.0749 )
ppm/°C
± 100
± 125
± 100
Temperature Coefficient (0.075
 to 0.099 )
ppm/°C
± 50
± 75
± 75
Temperature Coefficient (
 0.1 )
ppm/°C
± 50
± 50
± 50
Maximum Working Voltage
V
(P x R)1/2
Weight (typical)
g
6.35
2
5
GLOBAL PART NUMBER INFORMATION
Military Part Numbering Example: M4946506TR0100FB12
MIL TYPE
SPEC. SHEET NUMBER
CHARACTERISTIC
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING CODE
M49465
01 (RLV10)
06 (RLV30)
07 (RLV31)
T
R0100 = 0.01
R1000 = 0.10
F = ± 1.0 %
H = ± 3.0 %
J = ± 5.0 %
B12 = bulk pack
(RLV30/RLV31)
S70 = tape / reel (RLV30)
S73 = tape / reel (RLV31)
S51 = skin pack (RLV10)
494
650
6
T
R
0
100
F
B1
M
2


Similar Part No. - M49465

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M494 STMICROELECTRONICS-M494 Datasheet
223Kb / 22P
SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE
June 1991
M494B1 STMICROELECTRONICS-M494B1 Datasheet
223Kb / 22P
SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE
June 1991
More results

Similar Description - M49465

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ESS VISHAY-ESS Datasheet
160Kb / 2P
Wirewound Resistors, Military/Established Reliability
23-Sep-02
logo
Riedon Powertron
SM-2 RIEDON-SM-2 Datasheet
359Kb / 2P
Precision Wirewound Resistors
logo
Vishay Siliconix
LVR VISHAY-LVR Datasheet
153Kb / 3P
Wirewound Resistors, Precision Power, Low Value, Commercial, Military, MIL-PRF-49465 Type RLV, Axial Lead
29-Feb-08
CPL VISHAY-CPL Datasheet
108Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead, Low Value
10-May-11
CPSL VISHAY-CPSL Datasheet
80Kb / 3P
Wirewound Resistors, Commercial Power,Four Terminal, Low Value
22-Dec-11
LVR VISHAY-LVR_15 Datasheet
104Kb / 3P
Wirewound Resistors, Precision Power, Low Value, Commercial, Axial Lead
19-Oct-15
logo
Riedon Powertron
SM-2 RIEDON-SM-2_14 Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-350RX RIEDON-SM10-350RX Datasheet
318Kb / 2P
Precision Wirewound Resistors
101-100KX RIEDON-101-100KX Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-350RB RIEDON-SM10-350RB Datasheet
318Kb / 2P
Precision Wirewound Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com