Electronic Components Datasheet Search
  English  ▼

X  

120ATC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 120ATC
Description  Aluminum Capacitors Axial High Temperature, High Ripple Current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

120ATC Datasheet(HTML) 2 Page - Vishay Siliconix

  120ATC Datasheet HTML 1Page - Vishay Siliconix 120ATC Datasheet HTML 2Page - Vishay Siliconix 120ATC Datasheet HTML 3Page - Vishay Siliconix 120ATC Datasheet HTML 4Page - Vishay Siliconix 120ATC Datasheet HTML 5Page - Vishay Siliconix 120ATC Datasheet HTML 6Page - Vishay Siliconix 120ATC Datasheet HTML 7Page - Vishay Siliconix 120ATC Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
120 ATC
Vishay BCcomponents
Aluminum Capacitors
Axial High Temperature, High Ripple Current
www.vishay.com
For technical questions contact: aluminumcaps2@vishay.com
Document Number: 28336
142
Revision: 28-Oct-05
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZE (∅D × L in mm)
CR
(
µF)
UR (V)
16
25
40
63
100
47
−−
−−
10
× 30
68
−−
−−
12.5
× 30
100
−−
−
10
× 30
12.5
× 30
150
−−
−
12.5
× 30
15
× 30
220
−−
10
× 30
12.5
× 30
18
× 30
330
−−
12.5
× 30
15
× 30
18
× 38
470
−
10
× 30
12.5
× 30
18
× 30
21
× 38
680
10
× 30
12.5
× 30
15
× 30
18
× 38
−
1000
12.5
× 30
12.5
× 30
18
× 30
21
× 38
−
1500
12.5
× 30
15
× 30
18
× 38
−−
2200
15
× 30
18
× 30
21
× 38
−−
3300
18
× 30
18
× 38
−−−
4700
18
× 38
21
× 38
−−−
6800
21
× 38
−
−−−
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig.2 Form BR.
Form BR: Taped on reel,
case
∅D × L=10 × 30 to 15 × 30 mm.
73 1.6
L
D
d
O
O
F
+
Fig.3 Form AA.
Form AA: Axial in box,
case
∅D × L=10 × 30 to 21 × 38 mm.
ÆD
33 ±1
L
l
Æd
F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com