Electronic Components Datasheet Search
  English  ▼

X  

ACE24AC16C Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE24AC16C
Description  Two-wire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC16C Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE24AC16C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24AC16C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24AC16C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24AC16C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC16C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC16C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC16C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24AC16C Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24AC16C Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ACE24AC16C
Two-wire Serial EEPROM
VER 1.1
7
The least significant 4 bits of the word address (column address) increments internally by one after
receiving each data word. The rest of the word address bits (row address) do not change internally,
but pointing to a specific memory row or page to be programmed. The first page write data word can
be of any column address. Up to 16 data words can be loaded into a page.
If more than 16 data
words are loaded, the 17th data word will be loaded to the 1st data word column address. The 18th
data word will be loaded to the 2nd data word column address and so on. In other word, data word
address (column address) will “roll” over the previously loaded data.
(C)
Acknowledge Polling
ACKNOWLEDGE polling may be used to poll the programming status during a self-timed internal
programming. By issuing a valid read or write address command, the EEPROM will not acknowledge
at the 9th clock cycle if the device is still in the self-timed programming mode. However, if the
programming completes and the chip has returned to the STANDBY mode, the device will return a
valid ACKNOWLEDGE signal at the 9th clock cycle.
Read Operations
The read command is similar to the write command except the 8th read/write bit in address word is set to
“1”. The three read operation modes are described as follows:
(A)
Current Address Read
The EEPROM internal address word counter maintains the last read or write address plus one if the
power supply to the device has not been cut off. To initiate a current address read operation, the
micro-controller issues a start bit and a valid device address word with the read/write bit (8th) set to
“1”. The EEPROM will response with an acknowledge signal on the 9th serial clock cycle. An 8-bit
data word will then be serially clocked out. The internal address word counter will then automatically
increase by one. For current address read the micro-controller will not issue an acknowledge signal
on the 18th clock cycle. The micro-controller issues a valid stop bit after the 18th clock cycle to
terminate the read operation. The device then returns to standby mode.
(B)
Sequential Read
The sequential read is very similar to current address read. The micro-controller issues a start bit
and a valid device address word with read/write bit (8th
) set to “1”. The EEPROM will response with
an acknowledge signal on the 9th serial clock cycle. An 8-bit data word will then be serially clocked
out. Meanwhile the internally address word counter will then automatically increase by one. Unlike
current address read, the micro-controller sends an acknowledge signal on the 18th clock cycle
signaling the EEPROM device that it wants another byte of data. Upon receiving the acknowledge
signal, the EEPROM will serially clocked out an 8-bit data word based on the incremented internal
address counter. If the micro-controller needs another data, it sends out an ACKNOWLEDGE signal
on the 27th clock cycle. Another 8-bit data word will then be serially clocked out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com