Electronic Components Datasheet Search
  English  ▼

X  

ACE24AC128E Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE24AC128E
Description  Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC128E Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE24AC128E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC128E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC128E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC128E Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24AC128E Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24AC128E Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24AC128E Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24AC128E Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24AC128E Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ACE24AC128E
Two-wire Serial EEPROM
VER 1.1
10
AC Characteristics
Symbol
Parameter
1.8V
2.5V~5.0V
Units
Min
Max
Min
Max
fSCL
Clock Frequency, SCL
400
1000
kHz
TLOW
Clock Pulse Width Low
1.3
0.6
µs
THIGH
Clock Pulse Width High
0.6
0.3
µs
TI
Noise Suppression Time(1)
100
50
ns
TAA
Clock Low to Data Out Valid
0.9
0.55
µs
TBUF
Time the bus must be free before a new
transmission can Start(1)
1.3
0.5
µs
THD.STA
Start Hold Time
0.6
0.25
µs
TSU.STA
Start Setup Time
0.6
0.25
µs
THD.DAT
Data In Hold Time
0
0
µs
TSU.DAT
Data In Setup Time
100
100
ns
TR
Inputs Rise Time(1)
0.3
0.3
µs
TF
Inputs Fall Time(1)
300
100
ns
TSU.STO
Stop Setup Time
0.6
0.25
µs
TDH
Data Out Hold Time
50
50
ns
t
PWR,R
Vcc slew rate at power up
0.1
50
0.1
50
V/ms
tPUP
Time required after VCC is stable before
the device can accept commands
100
100
µs
tPOFF
Minimum time at Vcc=0V
between power cycles
500
500
ms
TWR
Write Cycle Time (for 04B/16B)
5
5
ms
Endurance(1)
25℃, Page Mode, 3.3V
1,000,000
Write
Cycles
Notes: 1. This Parameter is expected by characterization but are not fully screened by test.
2. AC Measurement conditions: RL (Connects to Vcc): 1.3KΩ
Input Pulse Voltages: 0.3Vcc to 0.7VCC
Input and output timing reference Voltages: 0.5VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com