Electronic Components Datasheet Search
  English  ▼

X  

ACE24AC512E Datasheet(PDF) 12 Page - ACE Technology Co., LTD.

Part # ACE24AC512E
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC512E Datasheet(HTML) 12 Page - ACE Technology Co., LTD.

Back Button ACE24AC512E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC512E Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24AC512E Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24AC512E Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24AC512E Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24AC512E Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24AC512E Datasheet HTML 14Page - ACE Technology Co., LTD. ACE24AC512E Datasheet HTML 15Page - ACE Technology Co., LTD. ACE24AC512E Datasheet HTML 16Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ACE24AC512E
Two-wire Serial EEPROM
VER 1.1
12
DC Characteristics
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC1
24AC512 supply VCC
1.8
5.5
V
ICC
Supply Read Current
VCC@5.0V SCL=100 kHz
0.4
1.0
mA
ICC
Supply Write Current
VCC@5.0V SCL=100 kHz
2.0
3.0
mA
ISB1
Supply Current
VCC@1.8V,VIN = VCC or VSS
<1.0
µA
ISB2
Supply Current
VCC@2.5V,VIN = VCC or VSS
<1.0
µA
ISB3
Supply Current
VCC@5.0V,VIN = VCC or VSS
<1.0
µA
ILI
Input Leakage Current
VIN= VCC or VSS
3.0
µA
ILO
Output Leakage Current
VIN= VCC or VSS
3.0
µA
VIL
Input Low Level
-0.6
VCC*0.3
V
VIH
Input High Level
VCC*0.7
VCC+0.5
V
VOL2
Output Low Level
VCC@3.0V, IOL= 2.1 mA
0.4
V
VOL1
Output Low Level
VCC@1.8V, IOL= 0.15 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com