Electronic Components Datasheet Search
  English  ▼

X  

BPW20RF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BPW20RF
Description  Silicon PN Photodiode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPW20RF Datasheet(HTML) 2 Page - Vishay Siliconix

  BPW20RF Datasheet HTML 1Page - Vishay Siliconix BPW20RF Datasheet HTML 2Page - Vishay Siliconix BPW20RF Datasheet HTML 3Page - Vishay Siliconix BPW20RF Datasheet HTML 4Page - Vishay Siliconix BPW20RF Datasheet HTML 5Page - Vishay Siliconix BPW20RF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 81570
Rev. 1.3, 08-Mar-05
BPW20RF
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Optical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward Voltage
IF = 50 mA
VF
1.0
1.3
V
Breakdown Voltage
IR = 20 µA, E = 0
V(BR)
10
V
Reverse Dark Current
VR = 5 V, E = 0
Iro
230
nA
Diode capacitance
VR = 0 V, f = 1 MHz, E = 0
CD
1.2
nF
VR = 5 V, f = 1 MHz, E = 0
CD
400
pF
Dark Resistance
VR = 10 mV
RD
38
G
Ω
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Open Circuit Voltage
EA = 1 klx
Vo
330
500
mV
Temp. Coefficient of Vo
EA = 1 klx
TKVo
- 2
mV/K
Short Circuit Current
EA = 1 klx
Ik
20
60
µA
Temp. Coefficient of Ik
EA = 1 klx
TKIk
0.1
%/K
Reverse Light Current
EA = 1 klx, VR = 5 V
Ira
20
60
µA
Ee = 1 mW/cm
2,
λ = 950 nm,
VR = 5 V
Ira
42
µA
Angle of Half Sensitivity
ϕ
± 50
deg
Wavelength of Peak Sensitivity
λ
p
920
nm
Range of Spectral Bandwidth
λ
0.5
550 to
1040
nm
Rise Time
VR = 0 V, RL = 1 kΩ, λ = 820 nm
tr
3.4
µs
Fall Time
VR = 0 V, RL = 1 kΩ, λ = 820 nm
tf
3.7
µs
Figure 1. Reverse Dark Current vs. Ambient Temperature
40
60
80
120
100
20
94 8468
100
101
102
103
104
VR =5V
Tamb - Ambient Temperature ( °C)
Figure 2. Relative Reverse Light Current vs. Ambient Temperature
0.8
0.9
1.0
1.1
1.3
1.2
94 8469
VR =5V
λ = 950 nm
Tamb - Ambient Temperature ( °C)
40
60
80
120
100
20
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com