Electronic Components Datasheet Search
  English  ▼

X  

ACE24LA128A Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE24LA128A
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LA128A Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE24LA128A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24LA128A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24LA128A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24LA128A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LA128A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LA128A Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24LA128A Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24LA128A Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24LA128A Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ACE24LA128A
Two-wire Serial EEPROM
VER 1.1
8
Read Operations
Read operations are initiated the same way as write operations with the exception that the read/write
select bit in the device address word is set to "1". There are three read operations: current address read,
random address read and sequential read.
Current Address Read:
The internal data word address counter maintains the last address accessed during the last read or write
operation, incremented by one. This address stays valid between operations as long as the chip power is
maintained. The address "roll over" during read is from the last byte of the last memory page to the first
byte of the first page.
The address "roll over" during write is from the last byte of the current page to the first byte of the same
page. Once the device address with the read/write select bit set to "1" is clocked in and acknowledged by
the EEPROM, the current address data word is serially clocked out. The microcontroller does not respond
with an input "0" but does generate a following stop condition (see Figure 7).
Random Read:
A random read requires a "dummy" byte write sequence to load in the data word address. Once the
device address word and data word address are clocked in and acknowledged by the EEPROM, the
microcontroller must generate another start condition. The microcontroller now initiates a current address
read by sending a device address with the read/write select bit high. The EEPROM acknowledges the
device address and serially clocks out the data word. The microcontroller does not respond with a "0" but
does generate a following stop condition (see Figure 8)
Sequential Read:
Sequential reads are initiated by either a current address read or a random address read. After the
microcontroller receives a data word, it responds with an acknowledge. As long as the EEPROM receives
an acknowledge, it will continue to increment the data word address and serially clock out sequential data
words. When the memory address limit is reached, the data word address will "roll over" and the
sequential read will continue. The sequential read operation is terminated when the microcontroller does
not respond with a "0" but does generate a following stop condition (see Figure9).
Read Identification Page:
The Identification Page (64 bytes) is an additional page which can be written and (later) permanently
locked in Read-only mode.
The Identification Page can be read by issuing an Read Identification Page instruction. This instruction
uses the same protocol and format as the Random Address Read (from memory array) with device type
identifier defined as 1011b. The MSB address bits B15/B6 are don't care, the LSB address bits B5/B0
define the byte address inside the Identification Page. The number of bytes to read in the ID page must
not exceed the page boundary (e.g.: when reading the Identification Page from location 10d, the number
of bytes should be less than or equal to 22, as the ID page boundary is 64 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com