Electronic Components Datasheet Search
  English  ▼

X  

ACE24LA1024A Datasheet(PDF) 13 Page - ACE Technology Co., LTD.

Part # ACE24LA1024A
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LA1024A Datasheet(HTML) 13 Page - ACE Technology Co., LTD.

Back Button ACE24LA1024A Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24LA1024A Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24LA1024A Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24LA1024A Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24LA1024A Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24LA1024A Datasheet HTML 14Page - ACE Technology Co., LTD. ACE24LA1024A Datasheet HTML 15Page - ACE Technology Co., LTD. ACE24LA1024A Datasheet HTML 16Page - ACE Technology Co., LTD. ACE24LA1024A Datasheet HTML 17Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ACE24LA1024A
Two-wire Serial EEPROM
VER 1.3
13
Packaging information
DIP-8
Notes:
1. This drawing is for general information only; refer to JEDEC Drawing MS-001, Variation BA for additional
information.
2. Dimensions A and L are measured with the package seated in JEDEC seating plane Gauge GS-3.
3. D, D1 and E1 dimensions do not include mold Flash or protrusions. Mold Flash or protrusions shall not exceed
0.010 inch.
4. E and eA measured with the leads constrained to be perpendicular to datum.
5. Pointed or rounded lead tips are preferred to ease insertion.
6. b2 and b3 maximum dimensions do not include Dambar protrusions. Dambar protrusions shall not exceed 0.010
(0.25 mm).
SYMBOL
MIN
NOM
MAX
NOTE
A
0.210
2
A2
0.115
0.130
0.195
b
0.014
0.018
0.022
5
b2
0.045
0.060
0.070
6
b3
0.030
0.039
0.045
6
c
0.008
0.010
0.014
D
0.355
0.365
0.400
3
D1
0.005
3
E
0.300
0.310
0.325
4
E1
0.240
0.250
0.280
3
e
0.100BSC
eA
0.300BSC
4
L
0.115
0.130
0.150
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com