Electronic Components Datasheet Search
  English  ▼

X  

ACE25AA128G Datasheet(PDF) 13 Page - ACE Technology Co., LTD.

Part # ACE25AA128G
Description  Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA128G Datasheet(HTML) 13 Page - ACE Technology Co., LTD.

Back Button ACE25AA128G Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AA128G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AA128G Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25AA128G Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25AA128G Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25AA128G Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25AA128G Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25AA128G Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25AA128G Datasheet HTML 17Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
ACE25AA128G
Serial NOR Flash Memory
128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
13
See Table2, every command sequence starts with a one-byte command code. Depending on the
command, this might be followed by address bytes, or by data bytes, or by both or none. CS# must be
driven high after the last bit of the command sequence has been shifted in. For the command of Read,
Fast Read, Read Status Register, and Read Device ID, the shifted-in command sequence is followed by a
data-out sequence. CS# can be driven high after any bit of the data-out sequence is being shifted out.
For the command of Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register, Write
Enable, Write Disable, CS# must be driven high exactly at a byte boundary, otherwise the command is
rejected. That is CS# must driven high when the number of clock pulses after CS# being driven low is an
exact multiple of eight. For Page Program, if at any time the input byte is not a full byte, nothing will
happen and WEL will not be reset.
Table2. Commands
Command Name
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
n-Bytes
Write Enable
06H
Write Enable for
Volatile Status
Register
50H
Write Disable
04H
Read Status
Register
05H
(S7-S0)
(continuous)
Read Status
Register-1
35H
(S15-S8)
(continuous)
Write Status
Register
01H
(S7-S0)
(S15-S8)
(continuous)
Read Data
03H
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next byte) (continuous)
Fast Read
0BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(continuous)
Dual Output Fast
Read
3BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)(1) (continuous)
Dual I/O Fast Read
BBH
A23-A8(2)
A7-A0
M7-M0(2)
(D7-D0)(1)
(continuous)
Quad Output Fast
Read
6BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)(3) (continuous)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com