Electronic Components Datasheet Search
  English  ▼

X  

ACE24AC08CBNTH Datasheet(PDF) 19 Page - ACE Technology Co., LTD.

Part # ACE24AC08CBNTH
Description  Two-wire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC08CBNTH Datasheet(HTML) 19 Page - ACE Technology Co., LTD.

Back Button ACE24AC08CBNTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24AC08CBNTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24AC08CBNTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE24AC08CBNTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE24AC08CBNTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE24AC08CBNTH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE24AC08CBNTH Datasheet HTML 18Page - ACE Technology Co., LTD. ACE24AC08CBNTH Datasheet HTML 19Page - ACE Technology Co., LTD. ACE24AC08CBNTH Datasheet HTML 20Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ACE24AC08C
Two-wire Serial EEPROM
VER 1.1
19
Packaging information
TSOT23-5
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
0.700
0.900
0.028
0.035
A1
0.000
0.100
0.000
0.004
A2
0.700
0.800
0.028
0.031
b
0.350
0.500
0.014
0.020
c
0.080
0.200
0.003
0.008
D
2.820
3.020
0.111
0.119
E
1.600
1.700
0.063
0.067
E1
2.650
2.950
0.104
0.116
e
0.95 (BSC)
0.037 (BSC)
e1
1.90 (BSC)
0.075 (BSC)
L
0.300
0.600
0.012
0.024
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com