Electronic Components Datasheet Search
  English  ▼

X  

ACE24LA1024AFMTH Datasheet(PDF) 15 Page - ACE Technology Co., LTD.

Part # ACE24LA1024AFMTH
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LA1024AFMTH Datasheet(HTML) 15 Page - ACE Technology Co., LTD.

Back Button ACE24LA1024AFMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE24LA1024AFMTH Datasheet HTML 18Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
ACE24LA1024A
Two-wire Serial EEPROM
VER 1.3
15
Packaging information
TSSOP-8
Notes:
1. This drawing is for general information only. Refer to JEDEC Drawing MO-153, Variation AA, for proper
dimensions, tolerances, datums, etc.
2. Dimension D does not include mold Flash, protrusions or gate burrs. Mold Flash, protrusions and gate burrs shall
not exceed 0.15 mm (0.006 in) per side.
3. Dimension E1 does not include inter-lead Flash or protrusions. Inter-lead Flash and protrusions shall not exceed
0.25 mm (0.010 in) per side.
4. Dimension b does not include Dambar protrusion. Allowable Dambar protrusion shall be 0.08 mm total in excess
of the b dimension at maximummaterial condition. Dambar cannot be located on the lower radius of the foot.
Minimum space between protrusion and adjacent lead is 0.07 mm.
5. Dimension D and E1 to be determined at Datum Plane H.
SYMBOL
MIN
NOM
MAX
NOTE
D
2.90
3.00
3.10
2,5
E
6.40BSC
E1
4.30
4.40
4.50
3,5
A
1.20
A2
0.80
1.00
1.05
b
0.19
0.30
4
e
0.65BC
L
0.45
0.60
0.75
L1
1.00REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com