Electronic Components Datasheet Search
  English  ▼

X  

ACE25AA800G Datasheet(PDF) 39 Page - ACE Technology Co., LTD.

Part # ACE25AA800G
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA800G Datasheet(HTML) 39 Page - ACE Technology Co., LTD.

Back Button ACE25AA800G Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25AA800G Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25AA800G Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25AA800G Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25AA800G Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25AA800G Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25AA800G Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25AA800G Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25AA800G Datasheet HTML 43Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
ACE25AA800G
Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
VER 1.1
39
(4-4-4) Fast Read Number of
Wait states
0 0000b: Wait states (Dummy
Clocks) not support
4AH
20:16
00000b
00H
(4-4-4) Fast Read Number of
Mode Bits
000b: Mode Bits not support
23:21
000b
(4-4-4) Fast Read Opcode
4BH
31:24
FFH
FFH
Sector Type 1 Size
Sector/block size=2^N bytes
0x00b: this sector type don’t
exist
4CH
07:00
0CH
0CH
Sector Type 1 erase Opcode
4DH
15:08
20H
20H
Sector Type 2 Size
Sector/block size=2^N bytes
0x00b: this sector type don’t
exist
4EH
23:16
0FH
0FH
Sector Type 2 erase Opcode
4FH
31:24
52H
52H
Sector Type 3 Size
Sector/block size=2^N bytes
0x00b: this sector type don’t
exist
50H
07:00
10H
10H
Sector Type 3 erase Opcode
51H
15:08
D8H
D8H
Sector Type 4 Size
Sector/block size=2^N bytes
0x00b: this sector type don’t
exist
52H
23:16
00H
00H
Sector Type 4 erase Opcode
53H
31:24
FFH
FFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com