Electronic Components Datasheet Search
  English  ▼

X  

ACE25AB400G Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE25AB400G
Description  Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AB400G Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE25AB400G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25AB400G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AB400G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AB400G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AB400G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AB400G Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AB400G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AB400G Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25AB400G Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
ACE25AB400G
Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
8
NOTE:
1.
Dual Output data
IO0 = (D6, D4, D2, D0)
IO1 = (D7, D5, D3, D1)
2.
Dual Input Address
IO0 = A22, A20, A18, A16, A14, A12, A10, A8, A6, A4, A2, A0, M6, M4, M2, M0
IO1 = A23, A21, A19, A17, A15, A13, A11, A9, A7, A5, A3, A1, M7, M5, M3, M1
3.
Security Registers Address:
Security Register1: A23-A16=00H, A15-A8=01H, A7-A0= Byte Address
Security Register2: A23-A16=00H, A15-A8=02H, A7-A0= Byte Address
ID Definitions
Operation Code
M7-M0
ID15-ID8
ID7-ID0
9FH
0B
40
13
90H
0B
12
ABH
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com