Electronic Components Datasheet Search
  English  ▼

X  

ACE25AC200GL Datasheet(PDF) 15 Page - ACE Technology Co., LTD.

Part # ACE25AC200GL
Description  2M SPI NOR FLASH
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AC200GL Datasheet(HTML) 15 Page - ACE Technology Co., LTD.

Back Button ACE25AC200GL Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25AC200GL Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25AC200GL Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25AC200GL Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25AC200GL Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25AC200GL Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25AC200GL Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25AC200GL Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25AC200GL Datasheet HTML 19Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
ACE25AC200GL
2M SPI NOR FLASH
VER 1.2
15
Capacitance Measurement Condition
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
CIN
Input Capacitance
6
pF
VIN=0V
COUT
Output Capacitance
8
pF
VOUT=0V
CL
Load Capacitance
30
pF
Input Rise And Fall time
5
ns
Input Pulse Voltage
0.1VCC to 0.8VCC
V
Input Timing Reference Voltage
0.2VCC to 0.7VCC
V
Output Timing Reference Voltage
0.5VCC
V
Maximum Negative Overshoot Waveform
Maximum Positive Overshoot Waveform
Figure13. Input Test Waveform and Measurement Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com