Electronic Components Datasheet Search
  English  ▼

X  

ACE25AC400G Datasheet(PDF) 11 Page - ACE Technology Co., LTD.

Part # ACE25AC400G
Description  SPI NOR FLASH
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AC400G Datasheet(HTML) 11 Page - ACE Technology Co., LTD.

Back Button ACE25AC400G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AC400G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AC400G Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AC400G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AC400G Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25AC400G Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25AC400G Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25AC400G Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25AC400G Datasheet HTML 15Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ACE25AC400G
SPI NOR FLASH
VER 1.3
11
Sector Erase (SE) (20H)
The Sector Erase (SE) command is for erasing the all data of the chosen sector. A Write Enable (WREN)
command must previously have been executed to set the Write Enable Latch (WEL) bit. The Sector Erase
(SE) command is entered by driving CS# low, followed by the command code, and 3-address byte on SI.
Any address inside the sector is a valid address for the Sector Erase (SE) command. CS# must be driven
low for the entire duration of the sequence.
The Sector Erase command sequence: CS# goes low sending Sector Erase command 3-byte address on
SI CS# goes high. The command sequence is shown in Figure8. CS# must be driven high after the eighth
bit of the last address byte has been latched in; otherwise the Sector Erase (SE) command is not
executed. As soon as CS# is driven high, the self-timed Sector Erase cycle (whose duration is tSE) is
initiated.
While the Sector Erase cycle is in progress, the Status Register may be read to check the value of the
Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Sector Erase cycle,
and is 0 when it is completed. Write Enable Latch (WEL) bit is reset to 0 at the end of the Sector Erase
cycle. Sector Erase (SE) command applied to a sector which is protected by the Block Protect (BP2, BP1,
and BP0) bit (see Table1) is not executed.
Block Erase (BE) (D8H)
The Block Erase (BE) command is for erasing the all data of the chosen block. A Write Enable (WREN)
command must previously have been executed to set the Write Enable Latch (WEL) bit. The Block Erase
(BE) command is entered by driving CS# low, followed by the command code, and three address bytes
on SI. Any address inside the block is a valid address for the Block Erase (BE) command. CS# must be
driven low for the entire duration of the sequence.
The Block Erase command sequence: CS# goes low send Block Erase command 3-byte address on SI
CS# goes high. The command sequence is shown in Figure9. CS# must be driven high after the eighth bit
of the last address byte has been latched in; otherwise the Block Erase (BE) command is not executed.
As soon as CS# is driven high, the self-timed Block Erase cycle (whose duration is tBE) is initiated. While
the Block Erase cycle is in progress, the Status Register may be read to check the value of the Write In
Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Block Erase cycle, and is 0
when it is completed. Write Enable Latch (WEL) bit is reset to 0 at the end of the Block Erase cycle. Block
Erase (BE) commands applied to a block which is protected by the Block Protect (BP2, BP1, BP0) bits
(see Table1) is not executed.
Figure8. Sector Erase Sequence Diagram
Figure9. Block Erase Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com