Electronic Components Datasheet Search
  English  ▼

X  

ACE25AA800GTMTH Datasheet(PDF) 49 Page - ACE Technology Co., LTD.

Part # ACE25AA800GTMTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA800GTMTH Datasheet(HTML) 49 Page - ACE Technology Co., LTD.

Back Button ACE25AA800GTMTH Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25AA800GTMTH Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25AA800GTMTH Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25AA800GTMTH Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25AA800GTMTH Datasheet HTML 46Page - ACE Technology Co., LTD. ACE25AA800GTMTH Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25AA800GTMTH Datasheet HTML 48Page - ACE Technology Co., LTD. ACE25AA800GTMTH Datasheet HTML 49Page - ACE Technology Co., LTD. ACE25AA800GTMTH Datasheet HTML 50Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
ACE25AA800G
Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
VER 1.1
49
Packaging information
USON3*2-8
Symbol
Dimensions In Millimeters
Min
Norm
Max
A
0.500
0.550
0.600
A1
0.000
0.020
0.050
b
0.180
0.250
0.030
c
0.100
0.150
0.200
D
1.900
2.000
2.100
D2
1.500
1.600
1.700
e
0.500BSC
Nd
1.500BSC
E
2.900
3.000
3.100
E2
0.100
0.200
0.300
L
0.300
0.350
0.400
L1
0.050
0.100
0.150
h
0.050
0.150
0.250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com