Electronic Components Datasheet Search
  English  ▼

X  

ACE25AA640GMMTH Datasheet(PDF) 63 Page - ACE Technology Co., LTD.

Part # ACE25AA640GMMTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA640GMMTH Datasheet(HTML) 63 Page - ACE Technology Co., LTD.

Back Button ACE25AA640GMMTH Datasheet HTML 57Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 58Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 59Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 60Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 61Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 62Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 63Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 64Page - ACE Technology Co., LTD. ACE25AA640GMMTH Datasheet HTML 65Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
ACE25AA640G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.1
63
Packaging information
USON4*4-8(0.55~0.80)
Symbol
Dimensions In Millimeters
Min
Norm
Max
A
0.50
0.55
0.60
A1
0.00
0.02
0.05
b
0.25
0.30
0.35
b1
0.15
0.20
0.25
c
0.10
0.15
0.25
D
3.90
4.00
4.10
D2
2.90
3.00
3.10
Ne
2.40BSC
e
0.80BSC
E
3.90
4.00
4.10
E2
2.20
2.30
2.40
L
0.35
0.40
0.45
h
0.25
0.30
0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com