Electronic Components Datasheet Search
  English  ▼

X  

ACE25QA400GFMLTH Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE25QA400GFMLTH
Description  4M BIT SPI NOR FLASH
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QA400GFMLTH Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE25QA400GFMLTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25QA400GFMLTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25QA400GFMLTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25QA400GFMLTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25QA400GFMLTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25QA400GFMLTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QA400GFMLTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QA400GFMLTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QA400GFMLTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
ACE25QA400G
4M BIT SPI NOR FLASH
VER 1.3
2
Software/Hardware Write Protection
Enable/Disable protection with WP Pin
Write protect all/portion of memory via software
Top or Bottom, Sector or Block selection
Single Supply Voltage
Full voltage range: 2.7~3.6V
Temperature Range
Commercial (0℃ to +70℃)
Industrial (-40℃ to +85℃)
Cycling Endurance/Data Retention
Typical 100k Program-Erase cycles on any sector
Typical 20-year data retention at +55℃
Advanced Feature
64 bits Unique ID for each device
Packaging Type
SOP-8 / SOP-8L
TSSOP-8
DIP-8
USON3*2-8
Ordering information
ACE25QAXXXG XXX + X H
U: Tube
T: Tape and Reel
Pb - free
FM: SOP-8
FML: SOP-8L (208mil)
TM: TSSOP-8
DP: DIP-8
UA8: USON3*2-8
Halogen-free
400: 4M bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com