Electronic Components Datasheet Search
  English  ▼

X  

5450010 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5450010
Description  Printed-circuit board connector - BCVP-381WF- 6 GN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5450010 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5450010 Datasheet HTML 1Page - PHOENIX CONTACT 5450010 Datasheet HTML 2Page - PHOENIX CONTACT 5450010 Datasheet HTML 3Page - PHOENIX CONTACT 5450010 Datasheet HTML 4Page - PHOENIX CONTACT 5450010 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/5450010
04/28/2016   Page 1 / 5
Printed-circuit board connector - BCVP-381WF- 6 GN - 5450010
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 6, Pitch: 3.81 mm,
Connection method: Screw connection with tension sleeve, Color: pastel green, Contact surface: Tin
The figure shows a 5-pos. version of
the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Height
12.5 mm
Pitch
3.81 mm
Dimension a
19.05 mm
General
Range of articles
BCVP-WF
Insulating material group
I
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/2)
160 V
Rated voltage (II/2)
320 V
Connection in acc. with standard
EN-VDE
Nominal current IN
8 A


Similar Part No. - 5450010

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5450007 PHOENIX-5450007 Datasheet
93Kb / 5P
Printed-circuit board connector - BCVP-381WF- 5 GN
5450023 PHOENIX-5450023 Datasheet
93Kb / 5P
Printed-circuit board connector - BCVP-381WF- 7 GN
5450036 PHOENIX-5450036 Datasheet
93Kb / 5P
Printed-circuit board connector - BCVP-381WF- 8 GN
5450049 PHOENIX-5450049 Datasheet
93Kb / 5P
Printed-circuit board connector - BCVP-381WF- 9 GN
5450052 PHOENIX-5450052 Datasheet
93Kb / 5P
Printed-circuit board connector - BCVP-381WF-10 GN
More results

Similar Description - 5450010

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5450078 PHOENIX-5450078 Datasheet
93Kb / 5P
Printed-circuit board connector - BCVP-381WF-12 GN
5450117 PHOENIX-5450117 Datasheet
93Kb / 5P
Printed-circuit board connector - BCVP-381WF-16 GN
5450065 PHOENIX-5450065 Datasheet
93Kb / 5P
Printed-circuit board connector - BCVP-381WF-11 GN
5450094 PHOENIX-5450094 Datasheet
93Kb / 5P
Printed-circuit board connector - BCVP-381WF-14 GN
5449979 PHOENIX-5449979 Datasheet
93Kb / 5P
Printed-circuit board connector - BCVP-381WF- 2 GN
5449982 PHOENIX-5449982 Datasheet
93Kb / 5P
Printed-circuit board connector - BCVP-381WF- 3 GN
5450023 PHOENIX-5450023 Datasheet
93Kb / 5P
Printed-circuit board connector - BCVP-381WF- 7 GN
5450036 PHOENIX-5450036 Datasheet
93Kb / 5P
Printed-circuit board connector - BCVP-381WF- 8 GN
5450049 PHOENIX-5450049 Datasheet
93Kb / 5P
Printed-circuit board connector - BCVP-381WF- 9 GN
5450052 PHOENIX-5450052 Datasheet
93Kb / 5P
Printed-circuit board connector - BCVP-381WF-10 GN
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com