Electronic Components Datasheet Search
  English  ▼

X  

5450421 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5450421
Description  Printed-circuit board connector - BCVP-500RF- 9 GN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5450421 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5450421 Datasheet HTML 1Page - PHOENIX CONTACT 5450421 Datasheet HTML 2Page - PHOENIX CONTACT 5450421 Datasheet HTML 3Page - PHOENIX CONTACT 5450421 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/5450421
11/05/2014   Page 1 / 4
Printed-circuit board connector - BCVP-500RF- 9 GN - 5450421
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 9, Pitch: 5 mm,
Connection method: Screw connection, Color: pastel green, Contact surface: Tin
The figure shows a 5-pos. version of
the product in gray
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Height
26 mm
Pitch
5 mm
Dimension a
40 mm
General
Range of articles
BCVP-RF
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Maximum load current
12 A (with 2.5 mm² conductor cross section)


Similar Part No. - 5450421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
54504 ETC2-54504 Datasheet
300Kb / 1P
Two-Way Splice Connectors - Standard Barrel 600V to 35KV
logo
PHOENIX CONTACT
5450405 PHOENIX-5450405 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500RF- 7 GN
5450418 PHOENIX-5450418 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500RF- 8 GN
5450434 PHOENIX-5450434 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500RF-10 GN
5450447 PHOENIX-5450447 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500RF-11 GN
More results

Similar Description - 5450421

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5450463 PHOENIX-5450463 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500RF-13 GN
5450489 PHOENIX-5450489 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500RF-15 GN
5450492 PHOENIX-5450492 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500RF-16 GN
5450502 PHOENIX-5450502 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500RF-17 GN
5450515 PHOENIX-5450515 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500RF-18 GN
5450531 PHOENIX-5450531 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500RF-20 GN
5450382 PHOENIX-5450382 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500RF- 5 GN
5450434 PHOENIX-5450434 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500RF-10 GN
5450450 PHOENIX-5450450 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500RF-12 GN
5450405 PHOENIX-5450405 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500RF- 7 GN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com