Electronic Components Datasheet Search
  English  ▼

X  

R6S-DM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R6S-DM
Description  Remote I/O R6 Series BLANK FILLER MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R6S-DM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R6S-DM Datasheet HTML 1Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL: R6S-DM
R6S-DM SPECIFICATIONS
ES-7781-AX Rev.0 Page 1/1
http://www.m-system.co.jp/
Remote I/O R6 Series
BLANK FILLER MODULE
(Tension clamp)
5.9 (.23)
94
(3.70)
102
(4.02)
mm (inch)
MODEL: R6S–DM
ORDERING INFORMATION
• Code number: R6S-DM
INSTALLATION
Mounting: Installation Base (model: R6S-BS)
Weight: 40 g (1.4 oz)
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5.9 (.23)
*Use a minus screwdriver: tip width 3.8 mm max., tip thickness 0.5 to 0.6 mm
102 (4.02)
WIRE INSERTION ANGLE
: approx.35°
TEST PROBE
max. 2 (.08) dia.
SCREWDRIVER
*
INSERTION ANGLE
: approx. 35°
5
6
7
8
1
2
3
4
Specifications are subject to change without notice.


Similar Part No. - R6S-DM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6S-DA4 MSYSTEM-R6S-DA4 Datasheet
144Kb / 3P
Remote I/O R6 Series DISCRETE INPUT MODULE, 4 points
R6S-DA4/Q MSYSTEM-R6S-DA4/Q Datasheet
144Kb / 3P
Remote I/O R6 Series DISCRETE INPUT MODULE, 4 points
R6S-DC4A MSYSTEM-R6S-DC4A Datasheet
145Kb / 3P
Remote I/O R6 Series NPN TRANSISTOR OUTPUT MODULE, 4 points
R6S-DC4A/Q MSYSTEM-R6S-DC4A/Q Datasheet
145Kb / 3P
Remote I/O R6 Series NPN TRANSISTOR OUTPUT MODULE, 4 points
R6S-DC4B MSYSTEM-R6S-DC4B Datasheet
145Kb / 3P
Remote I/O R6 Series PNP TRANSISTOR OUTPUT MODULE, 4 points
More results

Similar Description - R6S-DM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6D-TS2 MSYSTEM-R6D-TS2 Datasheet
125Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6D-PF MSYSTEM-R6D-PF Datasheet
110Kb / 4P
Remote I/O R6 Series POWER SUPPLY MODULE
R6D-DM MSYSTEM-R6D-DM Datasheet
84Kb / 1P
Remote I/O R6 Series BLANK FILLER MODULE
R6N-D1 MSYSTEM-R6N-D1 Datasheet
196Kb / 7P
Remote I/O R6 Series
R6N-DM MSYSTEM-R6N-DM Datasheet
93Kb / 2P
Remote I/O R6 Series BLANK FILLER MODULE
R6N-TS2 MSYSTEM-R6N-TS2 Datasheet
140Kb / 4P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R30DM MSYSTEM-R30DM Datasheet
97Kb / 2P
Remote I/O R30 Series BLANK FILLER MODULE
R3-DM MSYSTEM-R3-DM Datasheet
85Kb / 2P
Remote I/O R3 Series BLANK FILLER MODULE
R6S-PF1 MSYSTEM-R6S-PF1 Datasheet
127Kb / 3P
Remote I/O R6 Series POWER SUPPLY MODULE
R6N-PF1 MSYSTEM-R6N-PF1 Datasheet
118Kb / 3P
Remote I/O R6 Series POWER SUPPLY MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com