Electronic Components Datasheet Search
  English  ▼

X  

SC4905A Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4905A
Description  HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4905A Datasheet(HTML) 1 Page - Semtech Corporation

  SC4905A Datasheet HTML 1Page - Semtech Corporation SC4905A Datasheet HTML 2Page - Semtech Corporation SC4905A Datasheet HTML 3Page - Semtech Corporation SC4905A Datasheet HTML 4Page - Semtech Corporation SC4905A Datasheet HTML 5Page - Semtech Corporation SC4905A Datasheet HTML 6Page - Semtech Corporation SC4905A Datasheet HTML 7Page - Semtech Corporation SC4905A Datasheet HTML 8Page - Semtech Corporation SC4905A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
www.semtech.com
SC4905A/B
High Performance Voltage Mode
PWM Controller
POWER MANAGEMENT
PRELIMINARY
Revision 4, April 2002
Description
Features
Applications
Typical Application Circuit
K Operation to 1MHz
K Accurate programmable maximum duty cycle
K Integrated oscillator/voltage feed forward
compensation
K Line voltage monitoring
K External frequency synchronization
K Bi-phase mode of operation for ripple reduction
K Under 100µA start-up current
K Accessible reference voltage
K VDD undervoltage lockout
K -40°C to 105°C operating temperature
K 10 lead MSOP package
K Telecom equipment and power supplies
K Networking power supplies
K Power over LAN applications
K Industrial power supplies
K Isolated power supplies
The SC4905A/B is a 10 pin BICMOS primary side voltage
mode controller for use in Isolated DC-DC and off-line
switching power supplies. It is a highly integrated solution,
requiring few external components. The device features a
high speed oscillator with integrated feed forward
compensation, accurately programmable maximum duty
cycle, voltage mode of operation, line voltage monitoring,
supply UVLO, low start up current, low voltage current limit
threshold and user accessible reference.
The SC4905A/B device operates at a fixed frequency,
highly desirable for Telecom applications. Features a
separate SYNC pin which simplifies synchronization to
an external clock. Feeding the oscillator of one device to
the SYNC of another forces biphase operation (180
degrees apart) which reduces input ripple and filter size.
The SC4905A has a turn-on threshold of 4.5V and the
SC4905B has a turn-on threshold of about 12 volts.
These devices are available in the 10 lead MSOP package.


Similar Part No. - SC4905A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A Datasheet
365Kb / 24P
High Performance Voltage Mode PWM Controller
SC4905AIMSTR SEMTECH-SC4905AIMSTR Datasheet
365Kb / 24P
High Performance Voltage Mode PWM Controller
SC4905AIMSTR SEMTECH-SC4905AIMSTR Datasheet
369Kb / 24P
High Performance Voltage Mode PWM Controller
SC4905AIMSTRT SEMTECH-SC4905AIMSTRT Datasheet
365Kb / 24P
High Performance Voltage Mode PWM Controller
SC4905AIMSTRT SEMTECH-SC4905AIMSTRT Datasheet
369Kb / 24P
High Performance Voltage Mode PWM Controller
More results

Similar Description - SC4905A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Sep-2001
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A_06 Datasheet
365Kb / 24P
High Performance Voltage Mode PWM Controller
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A_16 Datasheet
369Kb / 24P
High Performance Voltage Mode PWM Controller
logo
Diodes Incorporated
AP3108L DIODES-AP3108L Datasheet
1Mb / 16P
HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
Rev 4
AP3118 DIODES-AP3118 Datasheet
1Mb / 17P
HIGH-PERFORMANCE MULTI-MODE PWM CONTROLLER
Rev 5
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com