Electronic Components Datasheet Search
  English  ▼

X  

5452004 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5452004
Description  PCB terminal block - BCA-500X18- 2 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452004 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5452004 Datasheet HTML 1Page - PHOENIX CONTACT 5452004 Datasheet HTML 2Page - PHOENIX CONTACT 5452004 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452004
04/28/2016   Page 1 / 3
PCB terminal block - BCA-500X18- 2 BK - 5452004
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, Nominal current: 24 A, Nom. voltage: 400 V, Pitch: 5 mm, Number of positions: 2,
Connection method: Screw connection with tension sleeve, Mounting: Wave soldering, Conductor/PCB
connection direction: 55 °, Color: black, The article can be aligned to create different nos. of positions!
The illustration shows the gray
version
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85369010
Country of origin
China
Classifications
eCl@ss
eCl@ss 4.0
27141109
eCl@ss 4.1
27141109
eCl@ss 5.0
27141190
eCl@ss 5.1
27141190
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440401
eCl@ss 9.0
27440401
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002643
ETIM 5.0
EC002643


Similar Part No. - 5452004

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452005 PHOENIX-5452005 Datasheet
95Kb / 3P
PCB terminal block - BCA-500X18- 3 BK
5452006 PHOENIX-5452006 Datasheet
98Kb / 3P
PCB terminal block - BCA-508X18- 2 BK
5452007 PHOENIX-5452007 Datasheet
98Kb / 3P
PCB terminal block - BCA-508X18- 3 BK
5452008 PHOENIX-5452008 Datasheet
97Kb / 3P
Printed-circuit board connector - BCH-350H- 2 BK
5452009 PHOENIX-5452009 Datasheet
97Kb / 3P
Printed-circuit board connector - BCH-350H- 3 BK
More results

Similar Description - 5452004

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5430344 PHOENIX-5430344 Datasheet
120Kb / 6P
PCB terminal block - BC-500X18- 2 GY
5436869 PHOENIX-5436869 Datasheet
61Kb / 3P
PCB terminal block - BCA-500X18- 2 GY
5436872 PHOENIX-5436872 Datasheet
61Kb / 3P
PCB terminal block - BCA-500X18- 3 GY
5441553 PHOENIX-5441553 Datasheet
90Kb / 3P
PCB terminal block - BC-500X18- 2 BK
5441566 PHOENIX-5441566 Datasheet
91Kb / 3P
PCB terminal block - BC-500X18- 3 BK
5442921 PHOENIX-5442921 Datasheet
62Kb / 3P
PCB terminal block - BCA-500X18- 2 GN
5442934 PHOENIX-5442934 Datasheet
62Kb / 3P
PCB terminal block - BCA-500X18- 3 GN
5452005 PHOENIX-5452005 Datasheet
95Kb / 3P
PCB terminal block - BCA-500X18- 3 BK
5452006 PHOENIX-5452006 Datasheet
98Kb / 3P
PCB terminal block - BCA-508X18- 2 BK
5452007 PHOENIX-5452007 Datasheet
98Kb / 3P
PCB terminal block - BCA-508X18- 3 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com