Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS370
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 8Page - Texas Instruments TMS370 Datasheet HTML 9Page - Texas Instruments TMS370 Datasheet HTML 10Page - Texas Instruments TMS370 Datasheet HTML 11Page - Texas Instruments TMS370 Datasheet HTML 12Page - Texas Instruments TMS370 Datasheet HTML 13Page - Texas Instruments TMS370 Datasheet HTML 14Page - Texas Instruments TMS370 Datasheet HTML 15Page - Texas Instruments TMS370 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
OVERVIEW
1–4
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
overview
The TMS370 family consists of very large scaled integration (VLSI), 8-bit, complementary metal oxide
semiconductor (CMOS) microcontrollers with on-chip EEPROM storage and peripheral-support functions.
These devices offer superior performance in complex, real-time control applications in demanding
environments and are available in mask-programmable ROM and EPROM.
In a continual effort to improve its products, Texas Instruments has added new, more robust features to the
TMS370 family of devices that are designed to enhance performance and enable new application technologies.
These added features include new watchdog modes and low-power modes for mask-ROM devices. All family
members are software compatible, so that many existing applications can be run on the improved devices
without modification of software. (Refer to the associated data sheets for more information on compatibility.)
In expanding its powerful TMS370 family of microcontrollers, TI
™ offers many new configurable devices for
specific applications. As microcontrollers have evolved, TI has added multiple peripheral functions to chips that
originally had only a central processing unit (CPU), memory, and I/O blocks. Now, with the high-performance,
software-compatible TMS370 microcontrollers, over 130 standard products are available. Also, up to
27 function modules can be used to configure a new device quickly, easily, and cost-effectively for any
applications.
The TMS370 family is supported fully by TI development tools that facilitate simplified software development
for prompt market introduction of new products. These tools include an assembler, an optimizing C compiler,
a linker, a C source debugger, a design kit, a starter kit, and a third-party microcontroller programmer from
BP Microsystems. All of these tools work together by using an IBM
™-compatible personal computer (PC) as
the host and the central control element. This allows the user to select the host computer and text management
as well as editing tools according to system requirements.
Additionally, the TMS370 in-circuit emulator [XDS
™—extended development support, and CDT370 compact
development tool (CDT
™)] allows the user to immediately begin designing, testing, and debugging the system
upon specification. The reason for this is straightforward: the emulator itself is modular and configurable,
thereby eliminating the need to produce a new emulator for each TMS370 configuration.
typical applications
The TMS370 family of devices is the ideal choice for the applications shown in Table 1 because the newly added
features (like the addition of multiple peripheral functions per device) have expanded the TMS370 family of
microcontrollers, enhanced its performance, and opened up new application technologies.
Table 1. Typical Applications for TMS370 Family of Microcontroller Devices
APPLICATION AREA
APPLICATIONS
Automotive
Climate control systems
Cruise control
Entertainment systems
Instrumentation
Navigational systems
Engine control
Antilock braking
Computer
Keyboards
Peripheral interface control
Disk controllers
Terminals
Industrial
Motor control
Temperature controllers
Process control
Meter control
Medical instrumentation
Security systems
Telecommunications
Modems
Intelligent phones
Intelligent line card control
Telecopiers
Debit cards
TI, XDS, and CDT are trademarks of Texas Instruments Incorporated.
IBM is a trademark of International Business Machines Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com