Electronic Components Datasheet Search
  English  ▼

X  

UPD16449 Datasheet(PDF) 21 Page - NEC

Part # UPD16449
Description  SOURCE DRIVER FOR 240-OUTPUT TFT-LCD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16449 Datasheet(HTML) 21 Page - NEC

Back Button UPD16449 Datasheet HTML 17Page - NEC UPD16449 Datasheet HTML 18Page - NEC UPD16449 Datasheet HTML 19Page - NEC UPD16449 Datasheet HTML 20Page - NEC UPD16449 Datasheet HTML 21Page - NEC UPD16449 Datasheet HTML 22Page - NEC UPD16449 Datasheet HTML 23Page - NEC UPD16449 Datasheet HTML 24Page - NEC UPD16449 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Data Sheet S15677EJ1V0DS
21
µµµµPD16449
Switching Characteristics (TA =
−−−−30 to +85°°°°C, VDD1 = 3.0 to 5.5 V, VDD2 = 5.0 V ±±±± 0.5 V, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
tPHL
CL = 20 pF
10
54
ns
Start pulse propagation delay
time
tPLH
CL = 20 pF
10
54
ns
Clock frequency 1
fCLK 1
15
MHz
Clock frequency 2
fCLK 2
With 3-phase clock input
8
MHz
Logic input capacitance
CI1
Other than STHL, STHR
15
pF
STHL, STHR input capacitance
CI2
STHL, STHR
20
pF
Video input capacitance
C3
C1 to C3, VVI = 2.0 V
50
pF
Timing Requirements (TA =
−−−−30 to +85 °°°°C, VDD1 = 3.0 to 5.5 V, VDD2 = 5.0 V ±±±± 0.5 V, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Clock pulse width
PWCLI
Duty = 50%
33
ns
Start pulse setup time
tSETUP
8ns
Start pulse hold time
tHOLD
8ns
Reset pulse width
PWRES
66
ns
INH setup time
tISETUP
33
ns
INH hold time
tIHOLD
33
ns
Reset-INH time
tR-I
81
ns
INH pulse width
PWINH
5CLK
Remark Keep the rise and fall times of the logic input signals to within tr = tf = 5 ns (10 to 90%).
As an example, the switching characteristic wave of CLI1 is defined on the next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com