Electronic Components Datasheet Search
  English  ▼

X  

2N720A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N720A
Description  NPN LOW POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N720A Datasheet(HTML) 1 Page - Microsemi Corporation

  2N720A Datasheet HTML 1Page - Microsemi Corporation 2N720A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN LOW POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/182
Devices
Qualified Level
2N720A
2N1893
2N1893S
JAN
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
All Devices
Units
Collector-Emitter Voltage
VCEO
80
Vdc
Collector-Base Voltage
VCBO
120
Vdc
Emitter-Base Voltage
VEBO
7.0
Vdc
Collector-Emitter Voltage (RBE = 10
Ω)
VCER
100
Vdc
Collector Current
IC
500
mAdc
2N720A 2N1893, S
Total Power Dissipation
@ TA = +25
0C (1)
@ TC = +25
0C (2)
PT
0.5
1.8
0.8
3.0
W
Operating & Storage Junction Temperature Range
TJ, Tsrg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
2N720A 2N1893, S
Unit
Thermal Resistance, Junction-to-Case
RθJC
97
58
0C/W
1) Derate linearly 2.86 mW/
0C for 2N720A, 4.57 mW/0C for 2N1893, S TA > 250C
2) Derate linearly 10.3 mW/
0C for 2N720A, 17.2 mW/0C for 2N1893, S TC > 250C
TO-18 (TO-206AA)*
2N720A
TO-5*
2N1893, 2N1893S
*See appendix A for package
outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 30 mAdc
V(BR)CEO
80
Vdc
Collector-Emitter Breakdown Voltage
IC = 10 mAdc, RBE = 10
Ω
V(BR)CER
100
Vdc
Collector-Base Cutoff Current
VCB = 120 Vdc
VCB = 90 Vdc
ICBO
10
10
µAdc
ηAdc
Emitter-Base Cutoff Current
VEB = 7.0 Vdc
VEB = 5.0 Vdc
IEBO
10
10
µAdc
ηAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N720A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N720A STMICROELECTRONICS-2N720A Datasheet
42Kb / 4P
HIGH VOLTAGE GENERAL PURPOSE
Oct-1988
logo
Central Semiconductor C...
2N720A CENTRAL-2N720A Datasheet
33Kb / 1P
Small Signal Transistors
logo
STMicroelectronics
2N720A STMICROELECTRONICS-2N720A Datasheet
53Kb / 4P
EPITAXIAL PLANAR NPN
Dec-2002
logo
Continental Device Indi...
2N720A CDIL-2N720A Datasheet
199Kb / 4P
NPN SILICON PLANAR SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
2N720A NJSEMI-2N720A Datasheet
123Kb / 2P
HIGH VOLTAGE GENERAL PURPOSE
More results

Similar Description - 2N720A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N930 MICROSEMI-2N930 Datasheet
67Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
2N718A MICROSEMI-2N718A Datasheet
59Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
2N2432 MICROSEMI-2N2432 Datasheet
56Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
2N2484 MICROSEMI-2N2484_1 Datasheet
56Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
logo
Advanced Semiconductor
MRF8372 ASI-MRF8372 Datasheet
27Kb / 1P
NPN SILICON LOW POWER TRANSISTOR
REV. A
logo
Microsemi Corporation
2N3439 MICROSEMI-2N3439_1 Datasheet
106Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
2N2484UA MICROSEMI-2N2484UA Datasheet
51Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
JANS2N3440 MICROSEMI-JANS2N3440 Datasheet
312Kb / 6P
NPN LOW POWER SILICON TRANSISTOR
JANTX2N918 MICROSEMI-JANTX2N918 Datasheet
186Kb / 4P
NPN LOW POWER SILICON TRANSISTOR
JAN2N3440 MICROSEMI-JAN2N3440 Datasheet
312Kb / 6P
NPN LOW POWER SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com