Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCFP4A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PIMXRT406LCFP4A
Description  i.MX RT1020 Crossover Processors for Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCFP4A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PIMXRT406LCFP4A Datasheet HTML 2Page - NXP Semiconductors PIMXRT406LCFP4A Datasheet HTML 3Page - NXP Semiconductors PIMXRT406LCFP4A Datasheet HTML 4Page - NXP Semiconductors PIMXRT406LCFP4A Datasheet HTML 5Page - NXP Semiconductors PIMXRT406LCFP4A Datasheet HTML 6Page - NXP Semiconductors PIMXRT406LCFP4A Datasheet HTML 7Page - NXP Semiconductors PIMXRT406LCFP4A Datasheet HTML 8Page - NXP Semiconductors PIMXRT406LCFP4A Datasheet HTML 9Page - NXP Semiconductors PIMXRT406LCFP4A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 100 page
background image
i.MX RT1020 Crossover Processors for Industrial Products, Rev. 2, 03/2021
6
NXP Semiconductors
i.MX RT1020 introduction
1.2
Ordering information
Table 2 provides examples of orderable part numbers covered by this data sheet.
Figure 1 describes the part number nomenclature so that characteristics of a specific part number can be
identified (for example, cores, frequency, temperature grade, fuse options, and silicon revision). The
primary characteristic which describes which data sheet applies to a specific part is the temperature grade
(junction) field.
Ensure to have the proper data sheet for specific part by verifying the temperature grade (junction) field
and matching it to the proper data sheet. If there are any questions, visit the web page nxp.com/IMXRT or
contact an NXP representative for details.
Table 2. Ordering information
Part Number
Feature
Package
Junction
Temperature Tj (C)
MIMXRT1021CAG4A
Features supports:
• 396 MHz, industrial grade for general
purpose
• 256K RAM
•CAN x2
• Ethernet
• eMMC 4.5/SD 3.0 x2
• USB OTG x1
• SAI x3
• SPDIF x1
•Timer x2
•PWM x2
•UART x8
•I2C x4
• SPI x4
•ADC x2
•ACMP x4
• 96 GPIOs
20 x 20 mm, 0.5 mm pitch,
144-pin LQFP
-40 to +105
MIMXRT1021CAF4A
Features supports:
• 396 MHz, industrial grade for general
purpose
• 256K RAM
•CAN x2
• Ethernet
• eMMC 4.5/SD 3.0 x1
• USB OTG x1
• SAI x3
• SPDIF x1
•Timer x2
•PWM x2
•UART x8
•I2C x4
• SPI x4
•ADC x2
•ACMP x4
• 57 GPIOs
14 x 14 mm, 0.5 mm pitch,
100-pin LQFP
-40 to +105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com