Electronic Components Datasheet Search
  English  ▼

X  

RCECISOFS15R0KB994 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RCECISOFS15R0KB994
Description  Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCECISOFS15R0KB994 Datasheet(HTML) 3 Page - Vishay Siliconix

  RCECISOFS15R0KB994 Datasheet HTML 1Page - Vishay Siliconix RCECISOFS15R0KB994 Datasheet HTML 2Page - Vishay Siliconix RCECISOFS15R0KB994 Datasheet HTML 3Page - Vishay Siliconix RCECISOFS15R0KB994 Datasheet HTML 4Page - Vishay Siliconix RCECISOFS15R0KB994 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RCEC ISO
www.vishay.com
Vishay MCB
Revision: 24-Apr-2020
3
Document Number: 32506
For technical questions, contact: mcbfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DISSIPATION
Temperature Rise as a Function of the Power Applied
Overall Thermal Resistance 0.6 °C/W (See Assembly)
Permanent Applicate Power as a Function
of Heatsink Temperature
MECHANICAL ASSEMBLY
Head screw, low or normal height without washers.
Maximum tightening torque:
80 Ncm, mechanical mounting
130 Ncm, electrical connection
COOLING
The temperature of the heatsink may be maintained at the specified values with:
• Forced air ventilation
• Internal circulation of a liquid cooling
• Heatsink contact surface: Ra 6.3 μm
• Evenness defect: 0.05 mm max.
• Surface temperature gradient (isotherm): 20 °C max.
• Thermal compound not supplied (resistance < 0.025 °C/W / 0.05 mm)
The user must select the thermal resistance of the heatsink according to the power applied.
10
100
1000
10000
0
10
20
30
40
50
60
0
102030405060708090 100
Axis Title
PW
Δθ = f (P)
10
100
1000
10000
0
25
50
75
100
125
050
100
150
Axis Title
θ(°C)
Maximum
Pn
ORDERING INFORMATION
RCEC
ISO
F
D
MP
100K
5 %
100K
5 %
XXX
BO15
MODEL STYLE TERMINALS
OPTION RESISTANCE
VALUE
TOLERANCE RESISTANCE
VALUE
TOLERANCE CUSTOM PACKAGING
F = faston
S = screws
Single
Double
Triple
(on request)
Common
point for
double
value
Value for
single,
first value
for double
± 5 %
± 10 %
Other on
request
Second value
for double
± 5 %
± 10 %
Other on
request



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com