Electronic Components Datasheet Search
  English  ▼

X  

AME50461 Datasheet(PDF) 2 Page - International Rectifier

Part # AME50461
Description  ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AME50461 Datasheet(HTML) 2 Page - International Rectifier

  AME50461 Datasheet HTML 1Page - International Rectifier AME50461 Datasheet HTML 2Page - International Rectifier AME50461 Datasheet HTML 3Page - International Rectifier AME50461 Datasheet HTML 4Page - International Rectifier AME50461 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.irf.com
AME50461 Series
Specifications
Electrical Characteristics -55°C
≤ TCASE ≤ +125°C, -40 ≤ VIN ≤ +40 unless otherwise specified
Notes to Specifications
1.
Operation above maximum ratings may cause permanent damage to the device. Operation at maximum ratings may degrade
performance and affect reliability.
2.
Device can tolerate ± 300 Volt transient whose duration is
≤ 100 ms when R
S ≥ 0.5 Ω.
3.
Derate Output Current linearly from 100% at 125°C to 0 at 135°C.
4.
DC resistance is the total resistance of the device and includes the sum of the
input to output resistance and the return in to return
out resistance paths.
ABSOLUTE MAXIMUM RATINGS Note 1
Input Voltage
-300V to +300V Note 2
Input Current
7.0 A
Lead Soldering Temperature
300°C for 10 seconds
Case Temperature
Operating
-55°C to +125°C
Storage
-65°C to +135°C
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
INPUT VOLTAGE
Steady State
Transient Note 2
-100
-300
+100
+300
V
DC
OUTPUT VOLTAGE
1, 2, 3
V
OUT = VIN - IIN (RDC)
V
DC
OUTPUT CURRENT Note 3
7.0
A
DC
DC RESISTANCE Note 4
1
T
C = 25°C
T
C = 125°C
60
100
m
Ω
POWER DISSIPATION
Maximum Current
T
C = 25°C
T
C = 125°C
2.94
4.90
w
NOISE REDUCTION
200 KHz - 500 KHz
500 KHz - 1 MHz
1 MHz - 50 MHz
35
60
65
dB
ISOLATION
1
Any Pin to Case
Tested @ 500VDC
100
M
Ω
CAPACITANCE
Measured Between Any Pin and Case
40
nF
DEVICE WEIGHT
Slight Variations with Case Style
95
gms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com