Electronic Components Datasheet Search
  English  ▼

X  

MSC0402VG01 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MSC0402VG01
Description  Thin Film Chip Resistors With Established Reliability
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSC0402VG01 Datasheet(HTML) 5 Page - Vishay Siliconix

  MSC0402VG01 Datasheet HTML 1Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 2Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 3Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 4Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 5Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 6Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 7Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MCS 0402 VG01, MCT 0603 VG01, MCU 0805 VG01, MCA 1206 VG01
www.vishay.com
Vishay Beyschlag
Revision: 16-Jun-2021
5
Document Number: 28744
For technical questions, contact: specialresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
Derating
Current Noise Voltage Ratio
Non-Linearity - Third Harmonic Ratio
A3
Further information on the performance of these products is given in the following datasheets:
• “Professional Thin Film Chip Resistors” (www.vishay.com/doc?28705) for products ± 50 ppm/K; ± 1 % and 0
Ω jumper
• “Precision Thin Film Chip Resistors” (www.vishay.com/doc?28700) for products ± 15 ppm/K; ± 0.1 %
100
-50
150
0
0.1
050
Ambient Temperature
amb
ϑ
0.2
0.3
70
MCA 1206 VG01
MCU 0805 VG01
MCT 0603 VG01
MCS 0402 VG01
125
°C
W
100
0.01
0.1
1K
10K
1
100K
MCA 1206 VG01
MCU 0805 VG01
MCT 0603 VG01
MCS 0402 VG01
Resistance Value
R
1M
µV/V
In accordance with IEC 60195
:
10
100
1K
120
10K
Resistance Value
R
1M
dB
In accordance with IEC 60440
:
100
80
60
40
100K
MCA 1206 VG01
MCU 0805 VG01
MCT 0603 VG01
MCS 0402 VG01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com