Electronic Components Datasheet Search
  English  ▼

X  

LM4549A Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4549A
Description  AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4549A Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM4549A Datasheet HTML 17Page - National Semiconductor (TI) LM4549A Datasheet HTML 18Page - National Semiconductor (TI) LM4549A Datasheet HTML 19Page - National Semiconductor (TI) LM4549A Datasheet HTML 20Page - National Semiconductor (TI) LM4549A Datasheet HTML 21Page - National Semiconductor (TI) LM4549A Datasheet HTML 22Page - National Semiconductor (TI) LM4549A Datasheet HTML 23Page - National Semiconductor (TI) LM4549A Datasheet HTML 24Page - National Semiconductor (TI) LM4549A Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AC Link Serial Interface Protocol
(Continued)
SDATA_IN: Slot 4 – PCM Record Right Channel
This slot contains sampled data from the right channel of the
stereo ADC. The signal to be digitized is selected using the
Record Select register (1Ah) and subsequently routed
through the Record Select Mux and the Record Gain ampli-
fier to the ADC.
This is a 20-bit slot and the digitized 18-bit PCM data is
transmitted in an MSB justified format. The remaining 2
LSBs are stuffed with zeros.
SLOT 4, INPUT FRAME
Bits
Description
Comment
19:2
PCM Record
Right Channel
data
18-bit PCM sample from right
ADC
1:0
Reserved
Stuffed with "0"s by LM4549A
SDATA_IN: Slots 5 to 12 – Reserved
Slots 5 – 12 of the AC Link Input Frame are not used for data
by the LM4549A and are always stuffed with zeros.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com