Electronic Components Datasheet Search
  English  ▼

X  

TVATOM Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TVATOM
Description  Aluminum Capacitors 85 °C, Miniature, Axial Lead
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TVATOM Datasheet(HTML) 4 Page - Vishay Siliconix

  TVATOM Datasheet HTML 1Page - Vishay Siliconix TVATOM Datasheet HTML 2Page - Vishay Siliconix TVATOM Datasheet HTML 3Page - Vishay Siliconix TVATOM Datasheet HTML 4Page - Vishay Siliconix TVATOM Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TVA ATOM™
www.vishay.com
Vishay Sprague
Revision: 31-Jan-18
4
Document Number: 42038
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Statements about product lifetime are based on calculations and internal testing. They should only be interpreted as estimations. Also due to external factors, the
lifetime in the field application may deviate from the calculated lifetime. In general, nothing stated herein shall be construed as a guarantee of durability.
SINGLE UNITS (POLARIZED)
450 WVDC
1.0
DC
TVA1700
20
2.0
DF
TVA1701
20
4.0
EH
TVA1702
20
5.0
EH
TVA1703
20
8.0
FK
TVA1704
20
10.0
GK
TVA1705
20
12.0
GK
TVA1706
20
20.0
HJ
TVA1709
18
30.0
HK
TVA1711
18
40.0
HL
TVA1712
18
50.0
KL
TVA1713
18
100.0
LS
TVA1718
18
60.0
KL
TVA1714
18
80.0
JP
TVA1716
18
475 WVDC
16.0
HJ
TVA1803.1
18
500 WVDC
20.0
HL
TVA1906
18
40.0
JN
TVA1908
18
30.0
JJ
TVA1907
18
600 WVDC
10.0
JR
TVA1963
18
20.0
JW
TVA1966
18
NON-POLARIZED
10 WVDC
50.0
CB
TVAN1117
20
25 WVDC
10.0
BB
TVAN1204.1
20
16.0
BB
TVAN1204.3
20
25.0
CB
TVAN1205.1
20
50.0
CC
TVAN1206.1
20
100.0
DD
TVAN1207.1
20
30 WVDC
20.0
CB
TVAN1220
20
50 WVDC
2.0
BA
TVAN1301.1
20
3.0
BA
TVAN1302.1
20
5.0
BB
TVAN1303.1
20
8.0
BB
TVAN1303.4
20
10.0
CB
TVAN1304.1
20
25.0
DC
TVAN1306.1
20
50.0
DD
TVAN1308.1
20
100.0
DH
TVAN1310.1
20
100 WVDC
10.0
EJ
TVAN1333
18
20.0
FJ
TVAN1335
18
200 WVDC
60.0
JP
TVAN1440
18
300 WVDC
1.0
EG
TVAN1560
18
350 WVDC
5.0
GJ
TVAN1602
18
400 WVDC
20.0
JL
TVAN1652
18
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
CASE CODE
PART NUMBER (1)
LEAD DIAMETER (AWG)
Note
(1) For other capacitance and voltage ratings, please see types 500D and 53D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com