Electronic Components Datasheet Search
  English  ▼

X  

UPD16686 Datasheet(PDF) 39 Page - NEC

Part # UPD16686
Description  1/128 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16686 Datasheet(HTML) 39 Page - NEC

Back Button UPD16686 Datasheet HTML 35Page - NEC UPD16686 Datasheet HTML 36Page - NEC UPD16686 Datasheet HTML 37Page - NEC UPD16686 Datasheet HTML 38Page - NEC UPD16686 Datasheet HTML 39Page - NEC UPD16686 Datasheet HTML 40Page - NEC UPD16686 Datasheet HTML 41Page - NEC UPD16686 Datasheet HTML 42Page - NEC UPD16686 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 99 page
background image
Data Sheet S15548EJ1V0DS
39
µµµµPD16686, 16687
3.6.3 Voltage regulator
The boost voltage from VOUT is supplied to the voltage regulator and output as the LCD drive voltage VLCD.
Since the
µPD16686, 16687 has a 256-step electronic volume function and an on-chip resistor for VLCD voltage regulation,
a small number of components can be used to configure a highly accurate voltage regulator.
(1) When using an on-chip resistor for VLCD voltage regulation
The on-chip resistor for VLCD voltage regulation and the electronic volume function can be used to regulate the contrast of
the LCD contents by controlling the LCD drive voltage VLCD using commands only. In such cases, no external resistor is
needed.
If VLCD
< VOUT, then the value for VLCD can be determined from the following equation.
Example Equation VLCD
< VOUT
VLCD = (1 +
Ra
Rb ) VEV
VLCD = (1 +
Ra
Rb ) (1 −
384
α
) VREG
Remark VEV = (1
−
384
α
) VREG
Figure 3-13. When Using On-Chip Resistor for VLCD Voltage Regulation
+
-
Rb
Ra
VLCD
VEV (Constant voltage source +
electronic volume)
VREG is the IC's on-chip constant voltage source, for which three types of temperature characteristic curves are available.
These temperature characteristic curves can be adjusted via settings in the power system control 1 (R32) (TSC1, TCS0),
as shown in Table 3-11.
Table 3-11 shows the VREG voltage when TA = 25
°C.
Table 3-11. VREG Voltage When TA = 25
°°°°C
Status
TCS1
TCS0
Temperature Curve
Unit
VREG (TYP.)
Unit
Internal power supply
0
0
−0.09
%,
°C0.88
V
01
−0.11
0.80
10
−0.12
0.75
1
1
External inputs
−
α is the electronic volume register (R35) value. Any of 256 statuses can be set as the fetched status for α corresponding
to the data set to the 8-bit electronic control register.
α values based on settings in the electronic volume register (R35:
normal display mode) and partial electronic volume register (R36: partial display mode) are listed in Table 3-12 on the next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com